Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IPC962A Arkusz danych(PDF) 2 Page - Axiomtek Co., Ltd.

Numer części IPC962A
Szczegółowy opis  2-slot Industrial System with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3 or Celeron® Processor, Intel® H610E/Q670E, Front-access I/O, and 2 PCIe & PCI Slots
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC962A Arkusz danych(HTML) 2 Page - Axiomtek Co., Ltd.

  IPC962A Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC962A Datasheet HTML 2Page - Axiomtek Co., Ltd. IPC962A Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.axiomtek.com
Industrial Systems
Specifications
System I/O
Display
1 x DisplayPort++ with support for 4096 x 2160 resolution
1 x HDMI with support for 4096 x 2160 resolution
1 x DVI-D with support for 1920 x 1200 resolution
Audio
1 x 3.5 mm jack for Mic-in and Line-out
TPM
TPM 2.0
Expansion Interface
UP to 230W power for add-in card, 1 x USB 2.0 (180D Type-A)
EIO121: 1 x PCIe x16 Gen4 + 1 x PCIe x8 (x4 signal) Gen4
EIO122: 1 x PCIe x16 Gen4 + 1 x PCI
1 x Full-size PCI Express Mini Card slot (USB & PCIe interface) with SIM slot
Storage
Intel® H610E:
2 x 2.5" HDD/SSD bay (7/9.5/15 mm height)
Intel® Q670E:
2 x 2.5" HDD/SSD bay (7/9.5/15 mm height)
1 x M.2 Key M 2280 socket (PCIe x4 Gen4)
System Indicators
1 x HDD/SSD access LED
3 x User's LED
Power Input
Input: 18 to 36 VDC
1 x Switch for power on/off with LED (default ATX)
1 x 4-pin terminal block for DC input
1 x 4-pin terminal block for ignition control, remote power, and remote LED
Operating Temperature -20°C to +60°C with 14th/13th/12th gen Intel® Core™ processor and industrial wide-temp SSD, 0.7 m/s air flow***
Storage Temperature
-20°C to +80°C
Humidity
10% to 90%, non-condensing
Vibration
IEC 60068-2-64 (with SSD: 1Grms, random, 5 to 500 Hz)
MIL-STD-810H, Method 514.8, Category 20
Shock
IEC 60068-2-27 (with SSD: 50G, half sine, 11 ms duration)
MIL-STD-810H, Method 516.8, Procedure I
Dimensions
170 x 192 x 260 mm (6.69" x 7.56" x 10.24")
Weight (net/gross)
5.1 kg (11.24 lb)/6.2 kg (13.69 lb)
Certifications
CE (EN 61000-6-4/EN 61000-6-2), FCC
*Please refer to the user manual for the supported CPU list.
**Intel® Core™ 14th Gen processors support a maximum single SO-DIMM capacity of 48GB.
***CPU power settings can be adjusted in the BIOS to optimize performance and operating temperature.
Ordering Information
System
IPC962A-Q-E1F5
(P/N: E26G962A00)
Industrial system with Intel® Q670E, EIO121, and blank extension system I/O cover; without Axiomtek logo
IPC962A-Q-E2F5
(P/N: E26G962A01)
Industrial system with Intel® Q670E, EIO122, and blank extension system I/O cover; without Axiomtek logo
IPC962A-H-E1F5
(P/N: E26G962A02)
Industrial system with Intel® H610E, EIO121, and blank extension system I/O cover; without Axiomtek logo
IPC962A-H-E2F5
(P/N: E26G962A03)
Industrial system with Intel® H610E, EIO122, and blank extension system I/O cover; without Axiomtek logo
Optional Module
AX93511
(P/N: E29R127101)
4 x RS-232/422/485 module (default RS-232)
AX93512
(P/N: E29R127102)
2 x RS-232/422/485 with 1.5kVDC isolation & 8-in/8-out DIO module with 1.5kVDC isolation (project-based support)
AX93516
(P/N: E29R127103)
4 x RS-232/422/485 with 2kVDC isolated module (project-based support)
AX93519
(P/N: E29R127104)
1 x 1GbE LAN + 2 x RS-232/422/485 + 2 x USB module
MIO160
(P/N: E39Q160100)
6 x Serial port (4-wire RS-232: TX/RX/RTS/CTS), RS-422/485 with 1.5kVDC isolation and 2 CANbus ports with 1.5kVDC isolated module
(supporting the CAN 2.0A and CAN 2.0B protocol)
MIO530
(P/N: E39Q530100)
1 x M.2 Key E 2230 socket + 1 x M.2 Key B 3042/3050/3052/3060 socket with SIM slot for 5G module or selected LTE module (Q670E)
(project-based support)



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com