Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IPC962A Arkusz danych(PDF) 1 Page - Axiomtek Co., Ltd.

Numer części IPC962A
Szczegółowy opis  2-slot Industrial System with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3 or Celeron® Processor, Intel® H610E/Q670E, Front-access I/O, and 2 PCIe & PCI Slots
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXIOMTEK [Axiomtek Co., Ltd.]
Strona internetowa  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC962A Arkusz danych(HTML) 1 Page - Axiomtek Co., Ltd.

  IPC962A Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC962A Datasheet HTML 2Page - Axiomtek Co., Ltd. IPC962A Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.axiomtek.com
Industrial Systems
IPC962A
Specifications
Standard Color
Silver & black
Construction
Aluminum extrusion heavy-duty cold-rolled steel
Processor
System
CPU Level
14th/13th/12th gen Intel® Core™ processor, up to 65W*
Chipset
Intel® H610E/Q670E
System Memory
262-pin DDR5 4800 non-ECC SO-DIMM, up to 96GB**
System I/O
Ethernet
1 x 2.5GbE LAN (Intel® I226-V)
1 x GbE LAN (Intel® 1219-LM) with Intel® AMT (Q670)
Serial
1 x RS-232/422/485 (default RS-232, COM 1)
USB
Intel® H610E:
2 x USB 3.2 Gen2 (10G) Type-A
2 x USB 3.2 Gen1 (5G) Type-A
2 x USB 2.0
Intel® Q670E:
6 x USB 3.2 Gen2 (10G) Type-A
1 x USB 2.0 (internal, up to 30 mm) 180D Type-A
NEW
Rear view
Front view
1. 1 x HDD/SSD access LED & 3 x user's LED
2. DVI-D, DisplayPort++, HDMI
3. RS-232/422/485
4. 2 x LAN
5. 4-pin terminal block for ignition control,
remote power and remote LED
6. 2 x HDD/SSD bay
7. Switch for power on/off with LED
8. Mic-in & Line-out
9. Extension system I/O module
(1) AX93511
(2) AX93512
(3) AX93516
(4) AX93519
(5) MIO160
(6) Blank I/O cover
10. 6 x USB
11. 4-pin terminal block for DC input
12. Expansion interface
(1) EIO121
(2) EIO122
5
4
3
2
1
7
6
8
9
10
12
11
2-slot Industrial System with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3 or Celeron®
Processor, Intel® H610E/Q670E, Front-access I/O, and 2 PCIe & PCI Slots
Features
● Intelligent power management: Ignition and USB power on/off control
● Optional extension system I/O module
● Optional 5G network (Q670E)
● Supports Intel® RAID (Q670E)
● EN 61000-6-2 certified
DDR5
Triple-View
5G
2.5GbE
USB 3.2 Gen2
Flexible Slots


Podobny numer części - IPC962A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
IPC962-511-FL AXIOMTEK-IPC962-511-FL Datasheet
369Kb / 2P
2-slot Fanless Barebone System with LGA1151 Socket 7th/6th Gen
IPC962-511-FL AXIOMTEK-IPC962-511-FL Datasheet
447Kb / 3P
2-slot Fanless Industrial System with LGA1151 Socket 7th/6th Gen Intel® Core™ i7/i5/i3 & Celeron® Processor, Intel® H110, Front-access I/O, and PCIe & PCI Slots
IPC962-511-FL AXIOMTEK-IPC962-511-FL_V01 Datasheet
447Kb / 3P
2-slot Fanless Industrial System with LGA1151 Socket 7th/6th Gen Intel® Core™ i7/i5/i3 & Celeron® Processor, Intel® H110, Front-access I/O, and PCIe & PCI Slots
IPC962-512-DC-FL AXIOMTEK-IPC962-512-DC-FL Datasheet
456Kb / 3P
2-slot Fanless Industrial System with LGA1151 Socket 7th/6th Gen Intel Core™ i7/i5/i3 or Celeron Processor, Intel® Q170, Front-access I/O, and PCIe & PCI Slots
May. 31, 2024.
IPC962-512-FL AXIOMTEK-IPC962-512-FL Datasheet
397Kb / 2P
2-slot Fanless Barebone System with LGA1151 Socket 7th/6th Gen
More results

Podobny opis - IPC962A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ARK-3534B ADVANTECH-ARK-3534B Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534C ADVANTECH-ARK-3534C Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534D ADVANTECH-ARK-3534D Datasheet
1Mb / 3P
Intel® 12th Gen Xeon® W Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
AIMB-708 ADVANTECH-AIMB-708 Datasheet
644Kb / 2P
LGA1700 12th Generation Intel® Core™ i9/i7/i5/i3 & Pentium®/Celeron® ATX with HDMI/VGA, DDR4, USB 3.2, M.2, 6 COMs
3-Jan-2023
logo
AAEON Technology
GENE-ADP6 AAEON-GENE-ADP6 Datasheet
572Kb / 2P
3.5” SubCompact Board with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/01/19
GENESYSM-ADP6 AAEON-GENESYSM-ADP6 Datasheet
390Kb / 2P
3.5” SubCompact Board System with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/11/16
logo
BCM Advanced Research.
ECM-RPLP BCM-ECM-RPLP Datasheet
962Kb / 2P
13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
05/25/2023
MX610HD BCM-MX610HD Datasheet
614Kb / 2P
Intel® H610E Thin Mini-ITX Motherboard with LGA 1700 socket supports Intel® Alder Lake Core™ i9, i7, i5, i3, Pentium, Celeron Processor
09/28/2022
RX610H BCM-RX610H Datasheet
553Kb / 2P
Intel® H610E based Micro ATX Motherboard supports Intel® Alder Lake Core i9/i7/i5/i3, Pentium and Celeron Processor
02/13/2023
logo
AAEON Technology
UPX-EDGE-ADLPI7-A10-16128 AAEON-UPX-EDGE-ADLPI7-A10-16128 Datasheet
473Kb / 2P
UP Xtreme i12 system with 12th generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/02/16
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com