Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AX Arkusz danych(PDF) 131 Page - STMicroelectronics

Numer części STM32L496AX
Szczegółowy opis  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AX Arkusz danych(HTML) 131 Page - STMicroelectronics

Back Button STM32L496AX Datasheet HTML 127Page - STMicroelectronics STM32L496AX Datasheet HTML 128Page - STMicroelectronics STM32L496AX Datasheet HTML 129Page - STMicroelectronics STM32L496AX Datasheet HTML 130Page - STMicroelectronics STM32L496AX Datasheet HTML 131Page - STMicroelectronics STM32L496AX Datasheet HTML 132Page - STMicroelectronics STM32L496AX Datasheet HTML 133Page - STMicroelectronics STM32L496AX Datasheet HTML 134Page - STMicroelectronics STM32L496AX Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 262 page
background image
Table 41. Current consumption in Sleep and Low-power sleep modes, Flash ON
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Sleep)
Supply
current in
sleep
mode,
fHCLK = fHSE up
to 48 MHz
included, bypass
mode
pll ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
0.79
0.82
0.95
1.17
1.63
0.9
1.0
1.2
1.7
2.7
mA
16 MHz
0.54
0.57
0.7
0.92
1.38
0.6
0.7
1.0
1.4
2.4
8 MHz
0.33
0.37
0.49
0.71
1.17
0.4
0.5
0.7
1.2
2.2
4 MHz
0.23
0.26
0.39
0.61
1.06
0.3
0.4
0.6
1.1
2.1
2 MHz
0.18
0.21
0.34
0.56
1.01
0.2
0.3
0.5
1.0
1.0
1 MHz
0.16
0.19
0.31
0.53
0.99
0.2
0.3
0.5
1.0
1.0
100 kHz
0.13
0.17
0.29
0.51
0.96
0.1
0.3
0.5
1.0
1.9
Range 1
80 MHz
2.57
2.62
2.76
3.01
3.53
2.8
2.9
3.2
3.8
4.9
72 MHz
2.34
2.38
2.53
2.78
3.29
2.6
2.7
3.0
3.5
4.6
64 MHz
2.1
2.15
2.29
2.54
3.05
2.3
2.4
2.7
3.3
4.4
48 MHz
1.58
1.63
1.78
2.03
2.54
1.8
1.9
2.2
2.7
3.8
32 MHz
1.11
1.15
1.3
1.54
2.05
1.2
1.4
1.7
2.2
3.3
24 MHz
0.87
0.91
1.06
1.3
1.81
1.0
1.1
1.4
1.9
3.0
16 MHz
0.63
0.67
0.82
1.06
1.56
0.7
0.8
1.1
1.6
2.7
IDD_ALL
(LPSleep)
Supply
current in
low-power
sleep
mode
fHCLK = fMSI
all peripherals disable
2 MHz
103
140
270
506
985
130
247
500
990
2025
µA
1 MHz
74.2
111
245
476
955
100
215
467
963
1999
400 kHz
60
89.8
224
457
937
79
194
444
941
1975
100 kHz
53.7
84.1
216
448
928
70
185
434
933
1967
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com