Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L496AX Arkusz danych(PDF) 134 Page - STMicroelectronics

Numer części STM32L496AX
Szczegółowy opis  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 320KB SRAM, USB OTG FS, audio, ext. SMPS
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496AX Arkusz danych(HTML) 134 Page - STMicroelectronics

Back Button STM32L496AX Datasheet HTML 130Page - STMicroelectronics STM32L496AX Datasheet HTML 131Page - STMicroelectronics STM32L496AX Datasheet HTML 132Page - STMicroelectronics STM32L496AX Datasheet HTML 133Page - STMicroelectronics STM32L496AX Datasheet HTML 134Page - STMicroelectronics STM32L496AX Datasheet HTML 135Page - STMicroelectronics STM32L496AX Datasheet HTML 136Page - STMicroelectronics STM32L496AX Datasheet HTML 137Page - STMicroelectronics STM32L496AX Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 262 page
background image
IDD_ALL(Stop2
with RTC)
Supply current in
Stop 2 mode,
RTC enabled
RTC clocked by LSI,
LCD disabled
1.8 V
2.97
7.46
26.2
61.4
139
6.1
17.2
64.8
155.4
354
µA
2.4 V
3.09
7.61
26.5
62.3
140
6.2
17.5
65.7
157.6
360
3 V
3.15
7.81
27
63.5
144
6.5
17.9
67.2
160.6
367
3.6 V
3.4
8.05
27.7
65.2
147
7.1
18.7
69.0
164.9
376
RTC clocked by LSI,
LCD enabled(3)
1.8 V
2.98
7.31
25.5
60
135
5.5
16.8
65.1
155.8
355
2.4 V
3.08
7.46
25.8
60.7
137
5.8
17.1
66.3
158.2
360
3 V
3.23
7.63
26.4
62.1
141
6.2
17.5
67.6
161.4
367
3.6 V
3.47
7.95
27.1
63.6
144
6.58
18.3
69.5
165.5
376
RTC clocked by LSE
bypassed at
32768Hz,LCD disabled
1.8 V
2.93
7.22
25.7
60.7
135.6
-
-
-
-
-
2.4 V
3.1
7.38
26.1
61.1
137.5
-
-
-
-
-
3 V
3.3
7.51
26.4
62.1
140.5
-
-
-
-
-
3.6 V
3.48
7.87
27.1
63.6
143.5
-
-
-
-
-
RTC clocked by LSE
quartz(3)
in low drive mode,
LCD disabled
1.8 V
2.86
7.08
25.2
60.4
-
-
-
-
-
-
2.4 V
3.01
7.16
25.5
60.9
-
-
-
-
-
-
3 V
3.18
7.25
25.8
61.8
-
-
-
-
-
-
3.6 V
3.31
7.54
26.5
63.2
-
-
-
-
-
-
Table 44. Current consumption in Stop 2 mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C
85 °C 105 °C 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com