| Zakładka z wyszukiwarką danych komponentów |
|
TMS320VC33 Arkusz danych(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC33 Arkusz danych(HTML) 27 Page - Texas Instruments |
|
27 / 53 page ![]() TCLK as input H1 H3 t su(TCLK-H1L) th(H1L-TCLK) th(H1L-TCLK) t su(TCLK-H1L) t w(TCLK) c(TCLK) t I/O Control Bit H1 H3 Execution of Store of Peripheral- Control Register Peripheral Pin (1) t d(H1H-GPIO) t d(H1H-GPIO) Value on Pin Seen in Peripheral- Control Register Synchronizer Delay Buffers Go From Output to Input Execution of Store of Peripheral- Control Register Data Bit I/O Control Bit H1 H3 Output Data Seen Data Sampled Peripheral Pin (1) tsu(GPIO-H1L) t h(H1L-GPIO) t dis(H1H) SM320VC33, SMJ320VC33 www.ti.com SGUS034F – FEBRUARY 2001 – REVISED JUNE 2015 Parameter Measurement Information (continued) 1. Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1. Figure 19. Change of Peripheral Pin from General-Purpose Output to Input Mode Timing 1. Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1. Figure 20. Change of Peripheral Pin from General-Purpose Input to Output Mode Timing Figure 21. Timer Pin Timing, Input Copyright © 2001–2015, Texas Instruments Incorporated Submit Documentation Feedback 27 Product Folder Links: SM320VC33 SMJ320VC33 |