Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ECPVFH Arkusz danych(PDF) 3 Page - Marathon Special Products

Numer części ECPVFH
Szczegółowy opis  30 Amps 1500 Volts DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARATHON [Marathon Special Products]
Strona internetowa  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

ECPVFH Arkusz danych(HTML) 3 Page - Marathon Special Products

  ECPVFH Datasheet HTML 1Page - Marathon Special Products ECPVFH Datasheet HTML 2Page - Marathon Special Products ECPVFH Datasheet HTML 3Page - Marathon Special Products ECPVFH Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.marathonsp.com
3
PDS 0489 REV-F 04/01/16
Acceptable Fuses
Manufacturer
Part Number
Reference Ratings:
Amps
Volts DC
Interrupt
Littelfuse
SPXV006
6
1500
30kA
Littelfuse
SPXV008
8
1500
30kA
Littelfuse
SPXV010
10
1500
30kA
Littelfuse
SPXV012
12
1500
30kA
Littelfuse
SPXV015
15
1500
30kA
Littelfuse
SPXV020
20
1500
30kA
Littelfuse
SPXV025
25
1500
30kA
Littelfuse
SPXV030
30
1500
30kA
Mersen
HP15M6
6
1500
50kA
Mersen
HP15M7
7
1500
50kA
Mersen
HP15M8
8
1500
50kA
Mersen
HP15M10
10
1500
50kA
Mersen
HP15M12
12
1500
50kA
Mersen
HP15M15
15
1500
50kA
Mersen
HP15M20
20
1500
50kA
Mersen
HP15M25
25
1500
50kA
Mersen
HP15M30
30
1500
50kA
Bussmann
PV-2.25A14LF10F
2.25
1500
10kA
Bussmann
PV-2.5A14LF10F
2.5
1500
10kA
Bussmann
PV-3A14LF10F
3
1500
10kA
Bussmann
PV-3.5A14LF10F
3.5
1500
10kA
Bussmann
PV-4A14LF10F
4
1500
10kA
Bussmann
PV-15A14LF10F
15
1500
10kA
Bussmann
PV-20A14LF10F
20
1500
10kA
Bussmann
PV-25A14LF10F
25
1500
10kA
Bussmann
PV-32A14LF10F
32
1500
10kA
ETI
2625201
4
1500
10kA
ETI
2625239
5
1500
10kA
ETI
2625202
6
1500
10kA
ETI
2625203
8
1500
10kA
ETI
2625204
10
1500
10kA
ETI
2625205
12
1500
10kA
ETI
2625240
15
1500
10kA
ETI
2625206
16
1500
10kA
ETI
2625207
20
1500
10kA
ETI
2625208
25
1500
10kA



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com