Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ECPVFH Arkusz danych(PDF) 1 Page - Marathon Special Products

Numer części ECPVFH
Szczegółowy opis  30 Amps 1500 Volts DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARATHON [Marathon Special Products]
Strona internetowa  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

ECPVFH Arkusz danych(HTML) 1 Page - Marathon Special Products

  ECPVFH Datasheet HTML 1Page - Marathon Special Products ECPVFH Datasheet HTML 2Page - Marathon Special Products ECPVFH Datasheet HTML 3Page - Marathon Special Products ECPVFH Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Data Sheet
A Regal Brand
www.marathonsp.com
1
PV15BW
Photovoltaic Fuse Holder
30 Amps 1500 Volts DC
Wire Range
• 10 - 14 AWG solid
• 6 - 14 AWG stranded
• Copper wire only
Electrical Ratings
• 30A, 1500V DC
• SC withstand 50kA
• CU9AL - 90°C connector terminal rating
• Factory & field wiring
• Touch Protection: IP-20 (IEC 60529)
Agency Compliance
• UL recognized fuse holder, evaluated to UL 4248-18, file no. IZMR2.E364954
• CSA - class 3211 37. file no. LR21455
Material Information
• Insulator base:
• Thermoplastic
• Flammability rating of insulator base UL94V0
• Insulator base temperature rating: -40°C to 140°C (UL RTI)
• Bus bar clamp - steel, zinc plated
• Fuseclip - copper, tin plated
• Spring - steel, zinc plated
• Terminal screws - steel, zinc plated
• RoHS compliant


Podobny numer części - ECPVFH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hammond Manufacturing L...
ECP HAMMOND-ECP Datasheet
168Kb / 3P
Systeme de commande Eclipse - NEMA 12
logo
XP Power Limited
ECP XPPOWER-ECP Datasheet
362Kb / 2P
Single Outputs from 3.3 to 48 V
logo
Transko Electronics, In...
ECP TRANSKO-ECP Datasheet
410Kb / 1P
PECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 2: Apr. 2015
logo
List of Unclassifed Man...
ECP ETC-ECP Datasheet
126Kb / 1P
EURO CONVERTER PLUG (ECP)
ECP-100 ETC-ECP-100 Datasheet
350Kb / 1P
Single-Ear Hose Clamp Pliers, Straight Jaw
More results

Podobny opis - ECPVFH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marathon Special Produc...
HVPB105 MARATHON-HVPB105 Datasheet
99Kb / 3P
350 Amps 1500 Volts AC/DC
REV-A 06/20/13
HVPB107 MARATHON-HVPB107 Datasheet
114Kb / 3P
430 Amps 1500 Volts AC/DC
REV-A 07/25/13
HVPB205 MARATHON-HVPB205 Datasheet
112Kb / 3P
860 Amps 1500 Volts AC/DC
REV-A 07/25/13
HVPB207 MARATHON-HVPB207 Datasheet
114Kb / 3P
860 Amps 1500 Volts AC/DC
REV-A 06/20/13
HVPB208 MARATHON-HVPB208 Datasheet
138Kb / 3P
430 Amps 1500 Volts AC/DC
REV-A 07/25/13
HVPB210 MARATHON-HVPB210 Datasheet
114Kb / 3P
760 Amps 1500 Volts AC/DC
REV-A 07/25/13
HVPB211 MARATHON-HVPB211 Datasheet
113Kb / 3P
760 Amps 1500 Volts AC/DC
REV-A 07/25/13
HVPB212 MARATHON-HVPB212 Datasheet
140Kb / 3P
1500 Amps 1500 Volts AC/DC
Rev-B 07/21/16
HVPB214 MARATHON-HVPB214 Datasheet
145Kb / 3P
1500 Amps 1500 Volts AC/DC
Rev-A 07/21/16
PV15BW32 MARATHON-PV15BW32 Datasheet
233Kb / 4P
32 Amps 1500 Volts DC
REV-B 01/27/19
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com