Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ECPVFH Arkusz danych(PDF) 2 Page - Marathon Special Products

Numer części ECPVFH
Szczegółowy opis  30 Amps 1500 Volts DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARATHON [Marathon Special Products]
Strona internetowa  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

ECPVFH Arkusz danych(HTML) 2 Page - Marathon Special Products

  ECPVFH Datasheet HTML 1Page - Marathon Special Products ECPVFH Datasheet HTML 2Page - Marathon Special Products ECPVFH Datasheet HTML 3Page - Marathon Special Products ECPVFH Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.marathonsp.com
2
PDS 0489 REV-F 04/01/16
Termination Specifications
Bus Bar
Terminal
Thickness
Width
Torque
N-m (lbf-in)
Min.
0.09” (2.3mm)
0.500” (12.7mm)
2.0 N·m (17.7 lbf·in)
Max.
0.25” (6.4mm)
-
2.0 N·m (17.7 lbf·in)
Wire Size
(CU Stranded)
Torque
N-m (lbf-in)
Wires /
Terminal
Wire Class (UL) 1
#6 - 14
2.0 N·m (17.7 lbf·in)
1
B, C
#10 - 14
2.0 N·m (17.7 lbf·in)
2
B, C
• Solid copper wire range: #10-14 AWG
• Wire strip length: 0.50” (13 mm)
Installation & Accessories
• Mounting:
• 7.5 X 35 mm DIN rail mountable
• Safety Guidelines:
• Do not open under load
Catalog #
Description
PV15BW
Fuse holder - midget (10 x 85mm) PV fuses
EFH-MCCK C
Ganging clips - used to group multiple fuse holders together as an assembly
1 MS PV15 01A White vinyl marking strip with printing (1-24)
1 MS PV15 01X White vinyl marking strip with no printing
ECPVFH
End cap - covers the end opening(s) of the bus bar terminal
MN35-2
Din rail - 35 x 7.5 x 200mm long, slotted
MSK35
End bracket - for anchoring in place on din rail
• Utilize typical copper bus bar ampacity tables



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com