Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L5956 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części L5956
Szczegółowy opis  Multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5956 Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button L5956 Datasheet HTML 2Page - STMicroelectronics L5956 Datasheet HTML 3Page - STMicroelectronics L5956 Datasheet HTML 4Page - STMicroelectronics L5956 Datasheet HTML 5Page - STMicroelectronics L5956 Datasheet HTML 6Page - STMicroelectronics L5956 Datasheet HTML 7Page - STMicroelectronics L5956 Datasheet HTML 8Page - STMicroelectronics L5956 Datasheet HTML 9Page - STMicroelectronics L5956 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical specifications
L5956
6/17
Doc ID 13852 Rev 4
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
VS = 14.4 V; Tamb = 25 °C; unless otherwise specified.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VSDC
DC operating supply voltage
30
V
VSTR
Transient supply voltage
50
V
IO
Output current
internally limited
Top
Operating temperature range
-40 to 85
°C
Tstg
Storage temperature
-55 to 150
°C
Tj
Junction temperature
-55 to 150
°C
Pd
Power dissipation at Tcase = 85 °C
43
W
Table 3.
Thermal data
Symbol
Parameter
PowerSO Multiwatt
Unit
Rth j-case Thermal resistance junction-to-case
Max.
1.5
1.8
°C/W
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
INPUT SUPPLIES
Vin1
Input supply voltage 1
Operating
9
-
18
V
Vin2
Input supply voltage 2
Operating
6
-
18
V
Vin1
Input supply voltage 1
Reverse polarity
Non operating(1)
Vin2
Input supply voltage 2
Reverse polarity
Non operating (1)
Iq
Total quiescent current
Standby (-20° C to 85 °C)
IGNIN = 5 V
--
60
µA
REGx = 5 V, REGsw = 5 V,
IGNIN = 5 V
-5-
mA
Standby (-20 °C to 85 °C)
IGNIN = 5 V, VCC = 18 V
-
100
170
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com