Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L5956 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części L5956
Szczegółowy opis  Multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5956 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button L5956 Datasheet HTML 3Page - STMicroelectronics L5956 Datasheet HTML 4Page - STMicroelectronics L5956 Datasheet HTML 5Page - STMicroelectronics L5956 Datasheet HTML 6Page - STMicroelectronics L5956 Datasheet HTML 7Page - STMicroelectronics L5956 Datasheet HTML 8Page - STMicroelectronics L5956 Datasheet HTML 9Page - STMicroelectronics L5956 Datasheet HTML 10Page - STMicroelectronics L5956 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
L5956
Electrical specifications
Doc ID 13852 Rev 4
7/17
Load dump
Vin1
Battery overvoltage
Vin1
18
20
22
V
Load dump
Vin2
Battery overvoltage
Vin2
18
20
22
V
REGULATOR 1
Vo (REG 1)
Output voltage 8.5 V
-
8
8.5
9
V
V
Line regulation
Vin1 = 10 to 18 V; I = 500 mA
-
-
50
mV
V
Line regulation
Vin1 = 9.3 to 18 V; I = 10 mA
-
-
50
mV
Vi
Load regulation
Ireg1 = 1 to 500 mA
-
-
100
mV
Iq
Quiescent current
Ireg1 = 10 mA
-
-
5
mA
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 500 mA
50
-
-
dB
Vdrop
Drop out voltage
Ireg1 = 500 mA
(2)
--
0.6
V
Im
Current limit
Rshort = 0.5 
0.6
-
1.2
A
REGULATOR 2
Vo (ST BY)
Output voltage 5 V
-
4.75
5
5.25
V
V
Line regulation
Vin1 = 7 to 18 V; I = 300 mA
-
-
50
mV
V
Line regulation
Vin1 = 6 to 18 V; I = 10 mA
-
-
50
mV
Vi
Load regulation
Ireg2 = 1 to 300 mA
-
-
100
mV
Iq
Quiescent current
Ireg2 = 10 mA
-
-
3
mA
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 300 mA
50
-
dB
Vdrop
Drop out voltage
Ireg2 = 300 mA
(2)
--
1.5
V
Vdrop
Drop out voltage
Ireg2 = 100 mA
(2)
--
0.6
V
Im
Current limit
Rshort = 0.5 
400
-
800
mA
REGULATOR 3
Vo (REG 3)
Output voltage 5V
-
4.75
5
5.25
V
V
Line regulation
Vin2 = 7 to 18 V; I = 800 mA
-
-
50
mV
V
Line regulation
Vin2 = 6 to 18 V; I = 10 mA
-
-
50
mV
Vi
Load regulation
Ireg3 = 1 to 800 mA
-
-
100
mV
Iq
Quiescent current
Ireg3 = 10 mA
-
-
5
mA
PSRR
Supply voltage ripple rejection
f = 1 kHz; Vin1 = 1.5 Vpp;
Io = 800 mA
50
-
-
dB
Vdrop
Drop out voltage
Ireg3 = 800 mA
(2)
--
1.5
V
Im
Current limit
Rshort = 0.5 
1-2
A
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com