Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L5956 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części L5956
Szczegółowy opis  Multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5956 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button L5956 Datasheet HTML 5Page - STMicroelectronics L5956 Datasheet HTML 6Page - STMicroelectronics L5956 Datasheet HTML 7Page - STMicroelectronics L5956 Datasheet HTML 8Page - STMicroelectronics L5956 Datasheet HTML 9Page - STMicroelectronics L5956 Datasheet HTML 10Page - STMicroelectronics L5956 Datasheet HTML 11Page - STMicroelectronics L5956 Datasheet HTML 12Page - STMicroelectronics L5956 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
L5956
Electrical specifications
Doc ID 13852 Rev 4
9/17
VHOLD R
Low VIN1 threshold
VIN1 Low TH.
9
9.5
10
V
VHYS (HOLD_L) Hysteresis low TH.
-
50
150
200
mV
VHOLD F
High VIN1 threshold
VIN1 High TH.
182022
V
VHYS (HOLD_M) Hysteresis high TH.
-
200
500
mV
IGNITION BUFFER (push-pull with Schmidt trigger)
IGNIN
IGNout falling
-
1.031.171.28
V
IGNIN
IGNout rising
-
1.181.271.33
V
Vhys(IGNout)
Hysteresis of ignition buffer
-
-
50
-
mV
IHsource(IGNout) High level source current
IGNout = 0 V
1000
1500
2000
µA
ILsink(IGNout)
Low level sink current
IGNout = 5 V
101520
mA
Vol
Low level
ILsink (IGNout) = 1 mA
-
0.3
0.5
V
Voh
High level
-
4.5
Vreg2
5.5
V
IGNRISE
Rising time
C = 15 pF
-
-
10
µs
IGNFALL
Fall time
C = 15 pF
-
-
10
µs
ICLAMP
Input clamp current
VCC < VIGN < 50 V
-
-
2
mA
IGNIN
Input voltage
Operative
0
-
50
V
ENABLE INPUT (regulators 1,3,4 and power switch)
VTH
Voltage threshold
-
1.3
1.8
2.3
V
ENIN
Input voltage
Operative
0
-
5
V
1.
“Non operating” should be intended as a condition outside the absolute maximum ratings defined for the IC. As such, if the
device is operated under such conditions, it is not guaranteed that the electrical parameters are inside the specification
range.
2.
Drop condition means that the supply voltage drop down to 100 mV from the regulated output and the regulator is sourcing
its maximal load current.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com