Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83849IFVS/NOPB.A Arkusz danych(PDF) 13 Page - Texas Instruments

Numer części DP83849IFVS/NOPB.A
Szczegółowy opis  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Arkusz danych(HTML) 13 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 9Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 10Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 11Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 12Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 13Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 14Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 15Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 16Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
3.10 10 Mb/s AND 100 Mb/s PMD INTERFACE
Signal Name
Type
Pin #
Description
TPTDM_A/FXTDM_A
I/O
26
10BASE-T or 100BASE-TX or 100BASE-FX Transmit Data
TPTDP_A/FXTDP_A
27
In 10BASE-T or 100BASE-TX: Differential common driver transmit output
TPTDM_B/FXTDM_B
36
(PMD Output Pair). These differential outputs are automatically configured to
TPTDP_B/FXTDP_B
35
either 10BASE-T or 100BASE-TX signaling.
In Auto-MDIX mode of operation, this pair can be used as the Receive Input
pair.
In 100BASE-FX mode, this pair becomes the 100BASE-FX Transmit pair.
These pins require 3.3V bias for operation.
TPRDM_A/FXRDM_A
I/O
23
10BASE-T or 100BASE-TX or 100BASE-FX Receive Data
TPRDP_A/FXRDP_A
24
In 10BASE-T or 100BASE-TX: Differential receive input (PMD Input Pair).
TPRDM_B/FXRDM_B
39
These differential inputs are automatically configured to accept either
TPRDP_B/FXRDP_B
38
100BASE-TX or 10BASE-T signaling.
In Auto-MDIX mode of operation, this pair can be used as the Transmit Output
pair.
In 100BASE-FX mode, this pair becomes the 100BASE-FX Receive pair.
These pins require 3.3V bias for operation.
FXSD_A(LED_SPEED_A/ANA)
I
20
FX Signal Detect: This pin provides the Signal Detect input for 100BASE-FX
FXSD_B(LED_SPEED_B/AN1_B)
42
mode.
3.11 SPECIAL CONNECTIONS
Signal Name
Type
Pin #
Description
RBIAS
I
32
Bias Resistor Connection: A 4.87 k
Ω 1% resistor should be connected from RBIAS to
GND.
PFBOUT
O
31
Power Feedback Output: Parallel caps, 10µF and 0.1µF, should be placed close to the
PFBOUT. Connect this pin to PFBIN1 (pin 13), PFBIN2 (pin 27), PFBIN3 (pin 35), PFBIN4
(pin 49). See Section 8.5 for proper placement pin.
PFBIN1
I
7
Power Feedback Input: These pins are fed with power from PFBOUT pin. A small capacitor
PFBIN2
28
of 0.1µF should be connected close to each pin(1).
PFBIN3
34
PFBIN4
54
(1)
Do not supply power to these pins other than from PFBOUT.
3.12 POWER SUPPLY PINS
Signal Name
Pin #
Description
IOVDD1, IOVDD2, IOVDD3, IOVDD4
11,51,65,78
I/O 3.3V Supply
IOGND1, IOGND2, IOGND3, IOGND4
10,52,64,77
I/O Ground
COREGND1, COREGND2
6,55
Core Ground
CDGND1, CDGND2
25,37
CD Ground
ANA33VDD
30
Analog 3.3V Supply
ANAGND1, ANAGND2, ANAGND3, ANAGND4
22,29,33,40
Analog Ground
Copyright © 2009–2013, Texas Instruments Incorporated
Pin Descriptions
13
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com