Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DP83849IFVS/NOPB.A Arkusz danych(PDF) 39 Page - Texas Instruments

Numer części DP83849IFVS/NOPB.A
Szczegółowy opis  DP83849IF PHYTER™ DUAL Industrial Temperature with Fiber Support (FX) and Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Tranceiver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849IFVS/NOPB.A Arkusz danych(HTML) 39 Page - Texas Instruments

Back Button DP83849IFVS/NOPB.A Datasheet HTML 35Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 36Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 37Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 38Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 39Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 40Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 41Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 42Page - Texas Instruments DP83849IFVS/NOPB.A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
DP83849IF
www.ti.com
SNOSAX8D – JUNE 2009 – REVISED APRIL 2013
6
MAC Interface
The DP83849IF supports several modes of operation using the MII interface pins. The options are defined
in the following sections and include:
•
MII Mode
•
RMII Mode
•
10 Mb Serial Network Interface (SNI)
•
Single Clock MII Mode (SCMII)
In addition, the DP83849IF supports the standard 802.3u MII Serial Management Interface and a Flexible
MII Port Assignment scheme.
The modes of operation can be selected by strap options or register control. For RMII mode, it is required
to use the strap option, since it requires a 50 MHz clock instead of the normal 25 MHz.
In each of these modes, the IEEE 802.3 serial management interface is operational for device
configuration and status. The serial management interface of the MII allows for the configuration and
control of multiple PHY devices, gathering of status, error information, and the determination of the type
and capabilities of the attached PHY(s).
6.1
MII INTERFACE
The DP83849IF incorporates the Media Independent Interface (MII) as specified in Clause 22 of the IEEE
802.3u standard. This interface may be used to connect PHY devices to a MAC in 10/100 Mb/s systems.
This section describes the nibble wide MII data interface.
The nibble wide MII data interface consists of a receive bus and a transmit bus each with control signals
to facilitate data transfer between the PHY and the upper layer (MAC).
6.1.1
Nibble-wide MII Data Interface
Clause 22 of the IEEE 802.3u specification defines the Media Independent Interface. This interface
includes a dedicated receive bus and a dedicated transmit bus. These two data buses, along with various
control and status signals, allow for the simultaneous exchange of data between the DP83849IF and the
upper layer agent (MAC).
The receive interface consists of a nibble wide data bus RXD[3:0], a receive error signal RX_ER, a receive
data valid flag RX_DV, and a receive clock RX_CLK for synchronous transfer of the data. The receive
clock operates at either 2.5 MHz to support 10 Mb/s operation modes or at 25 MHz to support 100 Mb/s
operational modes.
The transmit interface consists of a nibble wide data bus TXD[3:0], a transmit enable control signal
TX_EN, and a transmit clock TX_CLK which runs at either 2.5 MHz or 25 MHz.
Additionally, the MII includes the carrier sense signal CRS, as well as a collision detect signal COL. The
CRS signal asserts to indicate the reception of data from the network or as a function of transmit data in
Half Duplex mode. The COL signal asserts as an indication of a collision which can occur during half-
duplex operation when both a transmit and receive operation occur simultaneously.
6.1.2
Collision Detect
For Half Duplex, a 10BASE-T or 100BASE-TX collision is detected when the receive and transmit
channels are active simultaneously. Collisions are reported by the COL signal on the MII.
If the DP83849IF is transmitting in 10 Mb/s mode when a collision is detected, the collision is not reported
until seven bits have been received while in the collision state. This prevents a collision being reported
incorrectly due to noise on the network. The COL signal remains set for the duration of the collision.
If a collision occurs during a receive operation, it is immediately reported by the COL signal.
Copyright © 2009–2013, Texas Instruments Incorporated
MAC Interface
39
Submit Documentation Feedback
Product Folder Links: DP83849IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com