| Zakładka z wyszukiwarką danych komponentów |
|
DP83849IFVS/NOPB.A Arkusz danych(PDF) 80 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83849IFVS/NOPB.A Arkusz danych(HTML) 80 Page - Texas Instruments |
|
80 / 108 page ![]() DP83849IF SNOSAX8D – JUNE 2009 – REVISED APRIL 2013 www.ti.com 10.1.9 Auto-Negotiation Next Page Transmit Register (ANNPTR) This register contains the next page information sent by this device to its Link Partner during Auto- Negotiation. Table 10-11. Auto-Negotiation Next Page Transmit Register (ANNPTR), address 07h Bit Bit Name Default Description 15 NP 0, RW Next Page Indication: 0 = No other Next Page Transfer desired. 1 = Another Next Page desired. 14 RESERVED 0, RO RESERVED: Writes ignored, read as 0. 13 MP 1, RW Message Page: 1 = Message Page. 0 = Unformatted Page. 12 ACK2 0, RW Acknowledge2: 1 = Will comply with message. 0 = Cannot comply with message. Acknowledge2 is used by the next page function to indicate that Local Device has the ability to comply with the message received. 11 TOG_TX 0, RO Toggle: 1 = Value of toggle bit in previously transmitted Link Code Word was 0. 0 = Value of toggle bit in previously transmitted Link Code Word was 1. Toggle is used by the Arbitration function within Auto-Negotiation to ensure synchronization with the Link Partner during Next Page exchange. This bit shall always take the opposite value of the Toggle bit in the previously exchanged Link Code Word. 10:0 CODE <000 0000 0001>, RW Code: This field represents the code field of the next page transmission. If the MP bit is set (bit 13 of this register), then the code shall be interpreted as a "Message Page”, as defined in annex 28C of IEEE 802.3u. Otherwise, the code shall be interpreted as an "Unformatted Page”, and the interpretation is application specific. The default value of the CODE represents a Null Page as defined in Annex 28C of IEEE 802.3u. 80 Register Block Copyright © 2009–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DP83849IF |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |