Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPC574KX Arkusz danych(PDF) 56 Page - STMicroelectronics

Numer części SPC574KX
Szczegółowy opis  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Arkusz danych(HTML) 56 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 52Page - STMicroelectronics SPC574KX Datasheet HTML 53Page - STMicroelectronics SPC574KX Datasheet HTML 54Page - STMicroelectronics SPC574KX Datasheet HTML 55Page - STMicroelectronics SPC574KX Datasheet HTML 56Page - STMicroelectronics SPC574KX Datasheet HTML 57Page - STMicroelectronics SPC574KX Datasheet HTML 58Page - STMicroelectronics SPC574KX Datasheet HTML 59Page - STMicroelectronics SPC574KX Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 160 page
background image
Electrical characteristics
SPC574Kx
56/160
DocID023601 Rev 6
3.13
ADC specifications
3.13.1
ADC input description
Figure 15 shows the input equivalent circuit for fast SARn channels.
Figure 15. Input equivalent circuit (Fast SARn channels)
Figure 16 shows the input equivalent circuit for SARB channels.
1. The typical user trim step size
δfTRIM = 0.35 %.
RSW1
CP2
CS
VDD
Sampling
INTERNAL CIRCUIT SCHEME
RSW1 Channel Selection Switch Impedance
RADSampling Switch Impedance
CP Pin Capacitance (two contributions, CP1 and CP2)
CS Sampling Capacitance
RCMSWCommon mode switch
RCMLCommon mode resistive ladder
This figure can be used as approximation circuitry for external filtering definition.
CP1
RAD
Channel
Selection
Common mode
switch
Common mode
resistive ladder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More