| Zakładka z wyszukiwarką danych komponentów |
|
SPC574KX Arkusz danych(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC574KX Arkusz danych(HTML) 68 Page - STMicroelectronics |
|
68 / 160 page ![]() Electrical characteristics SPC574Kx 68/160 DocID023601 Rev 6 RBIAS CC D bias resistance — 110 144 180 k Ω ΔVINTCM CC D Common mode input reference voltage — –12 12 % VBIAS CC D Bias voltage — — VDD_HV_ ADR/2 —V δVBIAS CC D Bias voltage accuracy — –2.5 — +2.5 % CMRR SR D Common mode rejection ratio —54 — — dB RCaaf SR D Anti-aliasing filter External series resistance — — 20 k Ω CC D Filter capacitances 180 — — pF fPASSBAND CC D Pass band(16) — 0.01 — 0.333 * fADCD_S KHz δRIPPLE CC D Pass band ripple(17) 0.333 * fADCD_S –1 — 1 % Frolloff CC D Stop band attenuation [0.5 * fADCD_S, 1.0 * fADCD_S]40 — — dB [1.0 * fADCD_S, 1.5 * fADCD_S]45 — — [1.5 * fADCD_S, 2.0 * fADCD_S]50 — — [2.0 * fADCD_S, 2.5 * fADCD_S]55 — — [2.5 * fADCD_S, fADCD_M/2] 60 — — Table 34. SDn ADC electrical specification(1)(Continued) Symbol C Parameter Conditions Value Unit Min Typ Max |