Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SGM812-RXKA4 Arkusz danych(PDF) 4 Page - SG Micro Corp

Numer części SGM812-RXKA4
Szczegółowy opis  Microprocessor Supervisory with Manual Reset Input
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SGMICRO [SG Micro Corp]
Strona internetowa  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM812-RXKA4 Arkusz danych(HTML) 4 Page - SG Micro Corp

  SGM812-RXKA4 Datasheet HTML 1Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 2Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 3Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 4Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 5Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 6Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 7Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 8Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SGM811/812
4
ELECTRICAL CHARACTERISTICS (continued)
(VCC Typ = 5 V for L/M/J Models, 3.3 V for T/S Models, 3 V for R Models, 2.5 V for Z Models; unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESET/
RESET OUTPUT VOLTAGE
Low (SGM811R/S/T/Z)
VCC = VTH(MIN), ISINK = 1.2mA
0.3
V
Low (SGM811L/M/J)
VCC = VTH(MIN), ISINK = 3.2mA
0.4
V
Low (SGM811R/S/T/Z/L/M/J)
VCC > 1.0 V, ISINK = 50µA
0.3
V
High (SGM811R/S/T/Z)
VCC > VTH(MAX), ISOURCE = 500µA
0.8×VCC
V
High (SGM811L/M/J)
VCC > VTH(MAX), ISOURCE = 800µA
VCC– 1.5
V
Low (SGM812R/S/T/Z)
VCC = VTH(MAX), ISINK = 1.2mA
0.3
V
Low (SGM812L/M/J)
VCC = VTH(MAX), ISINK = 3.2mA
0.4
V
High (SGM812 R/S/T/Z/L/M/J)
1.8 V < VCC < VTH(MIN), ISOURCE = 150µA
0.8×VCC
V
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
(Typical values are at TA = 25°C, unless otherwise noted.)
Terminal Voltage (With Respect to Ground)
VCC................................................................................–0.3 V to +6 V
All Other Inputs ............................................ –0.3 V to VCC + 0.3 V
Input Current
VCC , MR ................................................................................ 20 mA
Output Current
RESET,
RESET ..................................................................... 20 mA
Power Dissipation, PD @ TA = 25℃
SOT23-5 .....................................................................................0.4W
SOT143-4.................................................................................. 0.32W
Operating Temperature Range...........................- 40°C to +125°C
Junction Temperature...........................................................+150°C
Storage Temperature.............................................- 65°C to +150°C
Lead Temperature (soldering, 10s).....................................+260°C
ESD Susceptibility
HBM..........................................................................................4000V
MM..............................................................................................400V
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
PIN DESCRIPTION
Pin Number
SGM811
SGM812
NAME
SOT143-4 SOT23-5 SOT143-4
FUNCTION
GND
1
1
1
Ground
NC
2
No connect.
RESET
2
3
—
Active Low Logic Output.
RESET remains low while VCC is below the reset
threshold or when MR is low;
RESET then remains low for at least 160 ms after
VCC rises above the reset threshold.
RESET
—
—
2
Active High Logic Output. RESET remains high while VCC is below the reset
threshold or when MR is low; RESET then remains high for 240 ms (typical) after
VCC rises above the reset threshold.
MR
3
4
3
Manual Reset. This active low debounced input will ignore input pulses of 100 ns or
less (typical) and is guaranteed to accept input pulses of greater than 10 µs. Leave
floating when not used.
VCC
4
5
4
Power supply voltage that is monitored.



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com