Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SGM812-RXKA4 Arkusz danych(PDF) 5 Page - SG Micro Corp

Numer części SGM812-RXKA4
Szczegółowy opis  Microprocessor Supervisory with Manual Reset Input
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SGMICRO [SG Micro Corp]
Strona internetowa  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM812-RXKA4 Arkusz danych(HTML) 5 Page - SG Micro Corp

  SGM812-RXKA4 Datasheet HTML 1Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 2Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 3Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 4Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 5Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 6Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 7Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 8Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SGM811/812
5
TYPICAL PERFORMANCE CHARACTERISTICS
Power-Down RESET Delay vs.Temperature
0
50
100
150
200
250
-50 -30 -10
10
30
50
70
90
110 130
Temperature(℃)
SGM811L/M/J
VOD = VTH - VCC
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = 200mV
Power-Down RESET Delay vs.Temperature
0
50
100
150
200
250
300
-50 -30 -10
10
30
50
70
90
110 130
Temperature(℃)
SGM811T/S/R
VOD = VTH - VCC
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = 200mV
Power-Up RESET Delay vs.Temperature
248
250
252
254
256
258
260
262
264
-50 -30 -10
10
30
50
70
90
110 130
Temperature(℃)
SGM811S
Supply Current vs. Temperature (No Load)
0
5
10
15
20
25
30
-50 -30 -10
10
30
50
70
90
110 130
Temperature(℃)
VCC = 5.5V
VCC = 3.6V
Normalized RESET Voltage Threshold vs.
Temperature
0.988
0.99
0.992
0.994
0.996
0.998
1
1.002
1.004
1.006
1.008
-50 -30 -10
10
30
50
70
90
110 130
Temperature(℃)
0
50
100
150
200
250
300
350
400
1
10
100
1000
SGM811L/M/J
SGM811T/S/R
Maximum Transient Duration Without Causing a
Reset Pulse vs. RESET Comparator Overdrive
RESET Comparator Overdrive, VTH - VCC(mV)



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com