Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SGM812-RXKA4 Arkusz danych(PDF) 7 Page - SG Micro Corp

Numer części SGM812-RXKA4
Szczegółowy opis  Microprocessor Supervisory with Manual Reset Input
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SGMICRO [SG Micro Corp]
Strona internetowa  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM812-RXKA4 Arkusz danych(HTML) 7 Page - SG Micro Corp

  SGM812-RXKA4 Datasheet HTML 1Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 2Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 3Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 4Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 5Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 6Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 7Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 8Page - SG Micro Corp SGM812-RXKA4 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SGM811/812
7
APPLICATION NOTES
MANUAL RESET
The SGM811/SGM812 is equipped with a manual reset input
This input is designed to operate in a noisy environment
where unwanted glitches could be induced. These glitches
could be produced by the bouncing action of a switch contact,
or where a manual reset switch may be located some distance
away from the circuit (the cabling of which may pick-up
noise).
The manual reset input is guaranteed to ignore logically valid
inputs that are faster than 100 ns and to accept inputs longer in
duration than 10 µs.
BENEFITS OF A VERY ACCURATE RESET THRESHOLD
Because the SGM811/SGM812 can operate effectively even
when there are large degradations of the supply voltages, the
possibility of a malfunction during a power failure is greatly
reduced. Another advantage of the SGM811/SGM812 is its
very accurate internal voltage reference circuit. Combined,
these
benefits
produce
an
exceptionally
reliable
microprocessor supervisory circuit.
SGM811
GND
RESET
VCC
VCC
Figure 1. Ensuring a Valid
RESET Output Down to VCC = 0V
ENSURING A VALID RESET OUTPUT DOWN TO VCC = 0 V
When VCC falls below1.0 V, the SGM811/SGM812’s
RESET no
longer sinks current. Therefore, a high impedance CMOS logic
input connected to
RESET may drift to undetermined logic
levels. To eliminate this problem, a 100 k Ω resistor should be
connected from
RESET to ground.
RESET OUTPUT
On power-up and after VCC rises above the reset threshold, an
internal timer holds the reset output active for 240 ms (typical).
This is intended as a power-on reset signal for the processor. It
allows time for both the power supply and the microprocessor
to stabilize after power-up. If a power supply brownout or
interruption occurs, the reset output is similarly activated and
remains active for 240 ms (typical) after the supply recovers.
This allows time for the power supply and microprocessor to
stabilize.
The SGM811 provides an active low reset output (
RESET )
while the SGM812 provides an active high output (
RESET ).
During power-down of the SGM811, the
RESET output
remains valid (low) with VCC as low as 1 V. This ensures that
the microprocessor is held in a stable shutdown condition as
the supply falls and also ensures that no spurious activity can
occur via the microprocessor as it powers up.
Glitch Immunity
The SGM811/SGM812 contains internal filtering circuitry
providing glitch immunity from fast transient glitches on the
power supply line.
t1
t1
RESET
VCC
VREF
VREF
VREF
VREF
t1= RESET Time = 240ms Typical
VREF = RESET Voltage Threshold
Figure 2. Power Fail
RESET Timing
INTERFACING TO OTHER DEVICES
Output
The SGM811/SGM812 is designed to integrate with as many
devices as possible. One feature of the SGM811/SGM812 is the
reset output, which is directly proportional to VCC (this is
guaranteed only while VCC is greater than 1 V). This enables
the part to be used with both 3 V and 5 V, or any nominal
voltage within the minimum and maximum specifications for
VCC.



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com