Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PL460 Arkusz danych(PDF) 41 Page - Microchip Technology

Numer części PL460
Szczegółowy opis  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Arkusz danych(HTML) 41 Page - Microchip Technology

Back Button PL460 Datasheet HTML 37Page - Microchip Technology PL460 Datasheet HTML 38Page - Microchip Technology PL460 Datasheet HTML 39Page - Microchip Technology PL460 Datasheet HTML 40Page - Microchip Technology PL460 Datasheet HTML 41Page - Microchip Technology PL460 Datasheet HTML 42Page - Microchip Technology PL460 Datasheet HTML 43Page - Microchip Technology PL460 Datasheet HTML 44Page - Microchip Technology PL460 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
PL460
Mechanical Characteristics
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 41
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2020 Microchip Technology Inc.
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
Number of Terminals
Overall Height
Ball Diameter
Overall Width
Ball Array Width
Substrate Thickness
Pitch
Ball Height
Units
Dimension Limits
A1
A
b
E2
A3
e
E
N
1.00 BSC
0.26 REF
0.38
–
0.27
0.40
8.00 BSC
–
0.32
10.00 BSC
MILLIMETERS
MIN
NOM
81
0.48
1.20
0.37
MAX
Overall Length
Ball Array Length
D
D2
10.00 BSC
8.00 BSC
Mold Thickness
A2
0.53 REF
81-Ball Thin Fine-Pitch Ball Grid Array Package (4LB) - 10x10x1.2 mm Body [TFBGA]
Microchip Technology Drawing C04-21526 Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48