Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PL460 Arkusz danych(PDF) 9 Page - Microchip Technology

Numer części PL460
Szczegółowy opis  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL460 Arkusz danych(HTML) 9 Page - Microchip Technology

Back Button PL460 Datasheet HTML 5Page - Microchip Technology PL460 Datasheet HTML 6Page - Microchip Technology PL460 Datasheet HTML 7Page - Microchip Technology PL460 Datasheet HTML 8Page - Microchip Technology PL460 Datasheet HTML 9Page - Microchip Technology PL460 Datasheet HTML 10Page - Microchip Technology PL460 Datasheet HTML 11Page - Microchip Technology PL460 Datasheet HTML 12Page - Microchip Technology PL460 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
PL460
Signal Description
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 9
11. It is recommended to connect the NRST signal to a GPIO in the host controller with an internal
pull-down default reset configuration to help keep PL460 in reset until the host boots. For more
details, refer to Reset (NRST) Pin.
12. See Table 11-4.
13. VZC is not isolated; some isolation circuitry is required in case of using a non-isolated design.
Refer to the reference design for additional information.
14. Bypass to analog ground with an external 22 nF decoupling capacitor and connect an external 10
nF decoupling capacitor between VREFP and VREFN.
15. Bypass to analog ground with an external 10 nF decoupling capacitor.
16. The STBY signal must be connected to GND if the Sleep mode functionality is not used. If using
the Sleep mode functionality, the STBY signal must be connected to a GPIO in the host controller
with an internal pull-down default reset configuration to avoid enabling Sleep mode until the
host boots. For more details, refer to Standby (STBY) Pin.
17. See Table 11-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48