| Zakładka z wyszukiwarką danych komponentów |
|
PL460 Arkusz danych(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PL460 Arkusz danych(HTML) 15 Page - Microchip Technology |
|
15 / 48 page ![]() PL460 Power Considerations Data Sheet © 2020-2023 Microchip Technology Inc. and its subsidiaries DS60001666D - 15 Figure 5-1. Core Voltage Regulator Connectivity VDDPLL VDDCORE (pina) VDDCORE (pinb) VDDIN 1V25 VDDCORE 3V3 VDDIN 1V25 VDDCORE Refer to the Signal Description and reference designs provided by Microchip for additional information about recommended values of decoupling capacitors and low-pass filter components. Table 5-2. Ramp-up Slopes of PLC Amplifier Power Supplies Parameter Min. Typ. Max. Unit 3.3V power supply ramp-up slope (Note 1, 2) 0.6 - 24 V/ms PVDDAMP power supply ramp-up slope (Note 1, 3) 1.5 - 16 V/ms Notes: 1. Power supply ramp-up slope recommended values take into account the recommended decoupling networks to be used on each supply rail, as well as output current capability of power supplies typically used in smart metering applications. 2. The VDDAMP pins connected at the PCB level. 3. The PVDDAMP pins connected at the PCB level. For additional information on power considerations, refer to the Power On Considerations. |