55 / 242 page

TDS 310, TDS 320 & TDS 350 Instruction Manual
33
Front Panel
TDS 300 Series oscilloscopes are simple to use. To reduce the clutter of
knobs and buttons on the front panel (see Figure 31), many instrument
control functions are menu driven. Use menus to access instrument functions
that you typically set once before making measurements. Use knobs or
buttons to control instrument functions that you most often adjust during
measurements.
Figure 31:The TDS 320 Oscilloscope Front Panel
The menus are easy to use. For example, to make a change to the vertical
operating system, press the VERTICAL MENU button to display the menu
choices.
This section illustrates each control and connector and contains brief descrip
tions of its use or function.