9 / 242 page

EC Declaration of Conformity
We
Tektronix Holland N.V.
Marktweg 73A
8444 AB Heerenveen
The Netherlands
declare under sole responsibility that the
TDS 320 Digitizing Oscilloscope
meets the intent of Directive 89/336/EEC for Electromagnetic Compatibility.
Compliance was demonstrated to the following specifications as listed in the
official Journal of the European Communities:
EN 50081-1 Emissions:
EN55022
Radiated, Class B
EN55022
Conducted, Class B
EN605552 Power Harmonics
EN 50082-1 Immunity:
IEC801-2 Electrostatic Discharge
IEC801-3 RF Radiated
IEC801-4 Fast Transients
IEC801-5 Surge