| Zakładka z wyszukiwarką danych komponentów |
|
TAS5706PAPR Arkusz danych(PDF) 53 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5706PAPR Arkusz danych(HTML) 53 Page - Texas Instruments |
|
53 / 62 page ![]() www.ti.com TAS5706 SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007 Table 19. Input Multiplexer Register (0x20) (continued) D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 – – – – – – – Reserved – 0 0 0 – – – – SDIN1-L to channel 3 – 0 0 1 – – – – SDIN1-R to channel 3 – 0 1 0 – – – – SDIN2-L to channel 3 – 0 1 1 – – – – SDIN2-R to channel 3 – 1 0 0 – – – – Reserved – 1 0 1 – – – – Reserved – 1 1 0 – – – – Ground (0) to channel 3 – 1 1 1 – – – – Ch1 (BTL–) to channel 3—BTL pair for channel 1 (2) – – – – 0 – – – Reserved (2) – – – – – 0 0 0 SDIN1-L to channel 4 – – – – – 0 0 1 SDIN1-R to channel 4 – – – – – 0 1 0 SDIN2-L to channel 4 – – – – – 0 1 1 SDIN2-R to channel 4 – – – – – 1 0 0 Reserved – – – – – 1 0 1 Reserved – – – – – 1 1 0 Ground (0) to channel 4 – – – – – 1 1 1 Ch2 (BTL–) to channel 4—BTL pair for channel 2 (2) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 – – – – – – – Reserved – 1 0 0 – – – – Reserved – 1 0 1 – – – – Reserved – 1 1 0 – – – – Ground (0) to channel 5 – 1 1 1 – – – – Ch6 (BTL–) to channel 5—BTL pair to channel 6 – – – – 0 – – – Channel 6 AD mode (2) – – – – 1 – – – Channel 6 BD mode – – – – – 0 0 0 SDIN1-L to channel 6 – – – – – 0 0 1 SDIN1-R to channel 6 – – – – – 0 1 0 SDIN2-L to channel 6 (2) – – – – – 0 1 1 SDIN2-R to channel 6 – – – – – 1 0 0 Reserved – – – – – 1 0 1 Reserved – – – – – 1 1 0 Ground (0) to channel 6 (2) – – – – – 1 1 1 Reserved (2) Default values are in bold. Copyright © 2007, Texas Instruments Incorporated Submit Documentation Feedback 53 Product Folder Link(s): TAS5706 |