| Zakładka z wyszukiwarką danych komponentów |
|
APEX20KC Arkusz danych(PDF) 70 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
APEX20KC Arkusz danych(HTML) 70 Page - Altera Corporation |
|
70 / 90 page ![]() 70 Altera Corporation APEX 20KC Programmable Logic Device Data Sheet Tables 40 and 41 describe APEX 20KC external timing parameters. The timing values for these pin-to-pin delays are reported for all pins using the 3.3-V LVTTL I/O standard. Table 39. APEX 20KC Minimum Pulse Width Timing Parameters Symbol Parameter tCH Minimum clock high time from clock pin tCL Minimum clock low time from clock pin tCLRP LE clear pulse width tPREP LE preset pulse width tESBCH Clock high time tESBCL Clock low time tESBWP Write pulse width tESBRP Read pulse width Table 40. APEX 20KC External Timing Parameters Note (1) Symbol Clock Parameter Conditions tINSU Setup time with global clock at IOE register tINH Hold time with global clock at IOE register tOUTCO Clock-to-output delay with global clock at IOE output register (2) tINSUPLL Setup time with PLL clock at IOE input register tINHPLL Hold time with PLL clock at IOE input register tOUTCOPLL Clock-to-output delay with PLL clock at IOE output register (2) |