| Zakładka z wyszukiwarką danych komponentów |
|
APEX20KC Arkusz danych(PDF) 15 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
APEX20KC Arkusz danych(HTML) 15 Page - Altera Corporation |
|
15 / 90 page ![]() Altera Corporation 15 APEX 20KC Programmable Logic Device Data Sheet Cascade Chain With the cascade chain, the APEX 20KC architecture can implement functions with a very wide fan-in. Adjacent LUTs can compute portions of a function in parallel; the cascade chain serially connects the intermediate values. The cascade chain can use a logical AND or logical OR (via De Morgan’s inversion) to connect the outputs of adjacent LEs. Each additional LE provides four more inputs to the effective width of a function, with a short cascade delay. Cascade chain logic can be created automatically by the Quartus II Compiler during design processing, or manually by the designer during design entry. Cascade chains longer than ten LEs are implemented automatically by linking LABs together. For enhanced fitting, a long cascade chain skips alternate LABs in a MegaLAB structure. A cascade chain longer than one LAB skips either from an even-numbered LAB to the next even-numbered LAB, or from an odd-numbered LAB to the next odd-numbered LAB. For example, the last LE of the first LAB in the upper-left MegaLAB structure carries to the first LE of the third LAB in the MegaLAB structure. Figure 7 shows how the cascade function can connect adjacent LEs to form functions with a wide fan-in. Figure 7. APEX 20KC Cascade Chain LE1 LUT LE2 LUT d[3..0] d[7..4] d[(4 n – 1)..(4n – 4)] d[3..0] d[7..4] LE n LE1 LE2 LE n LUT LUT LUT LUT AND Cascade Chain OR Cascade Chain d[(4 n – 1)..(4n – 4)] |