Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APEX20KC Arkusz danych(PDF) 39 Page - Altera Corporation

Numer części APEX20KC
Szczegółowy opis  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALTERA [Altera Corporation]
Strona internetowa  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Arkusz danych(HTML) 39 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 35Page - Altera Corporation APEX20KC Datasheet HTML 36Page - Altera Corporation APEX20KC Datasheet HTML 37Page - Altera Corporation APEX20KC Datasheet HTML 38Page - Altera Corporation APEX20KC Datasheet HTML 39Page - Altera Corporation APEX20KC Datasheet HTML 40Page - Altera Corporation APEX20KC Datasheet HTML 41Page - Altera Corporation APEX20KC Datasheet HTML 42Page - Altera Corporation APEX20KC Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
Altera Corporation
39
APEX 20KC Programmable Logic Device Data Sheet
The register in the APEX 20KC IOE can be programmed to power-up high
or low after configuration is complete. If it is programmed to power-up
low, an asynchronous clear can control the register. If it is programmed to
power-up high, an asynchronous preset can control the register. This
feature is useful for cases where the APEX 20KC device controls an active-
low input or another device; it prevents inadvertent activation of the input
upon power-up.
Figure 25 shows how fast bidirectional I/O pins are implemented in
APEX 20KC devices. This feature is useful for cases where the APEX 20KC
device controls an active-low input or another device; it prevents
inadvertent activation of the input upon power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90