| Zakładka z wyszukiwarką danych komponentów |
|
ST8R00 Arkusz danych(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST8R00 Arkusz danych(HTML) 10 Page - STMicroelectronics |
|
10 / 19 page ![]() Typical characteristics ST8R00 10/19 Figure 10. Inhibit voltage vs temperature Figure 11. Inhibit voltage vs temperature Figure 12. Line regulation vs temperature Figure 13. Load regulation vs temperature Figure 14. Oscillator frequency vs temperature Figure 15. Max oscillator duty cycle vs temperature 0 0.5 1 1.5 2 2.5 3 -75 -50 -25 0 25 50 75 100 125 150 175 T [°C] ON OFF V I=4V, VINH from 0 to 2V, IO=50mA 0 0.5 1 1.5 2 2.5 3 -75 -50 -25 0 25 50 75 100 125 150 175 T [°C] ON OFF V I=4V, VINH from 0 to 2V, IO=50mA 0 0.5 1 1.5 2 2.5 3 -75 -50 -25 0 25 50 75 100 125 150 175 T [°C] ON OFF V I=6V, VINH from 0 to 2V, IO=50mA 0 0.5 1 1.5 2 2.5 3 -75 -50 -25 0 25 50 75 100 125 150 175 T [°C] ON OFF V I=6V, VINH from 0 to 2V, IO=50mA -1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1 -75 -50 -25 0 25 50 75 100 125 150 175 T [°C] V I= from 4V to 6V, IO=1A V O@9.5V -1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1 -75 -50 -25 0 25 50 75 100 125 150 175 T [°C] V I= from 4V to 6V, IO=1A V O@9.5V -1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1 -75 -50 -25 0 25 50 75 100 125 150 175 T [°C] V I=5V, IO from 100mA to 1A V O@9.5V -1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1 -75 -50 -25 0 25 50 75 100 125 150 175 T [°C] V I=5V, IO from 100mA to 1A V O@9.5V V I=VINH=5V, No Inductor, No Load 0.5 0.7 0.9 1.1 1.3 1.5 1.7 -75 -50 -25 0 25 50 75 100 125 150 175 T [°C] V I=VINH=5V, No Inductor, No Load 0.5 0.7 0.9 1.1 1.3 1.5 1.7 -75 -50 -25 0 25 50 75 100 125 150 175 T [°C] 80 82.5 85 87.5 90 92.5 95 97.5 100 -75 -50 -25 0 25 50 75 100 125 150 175 T [°C] V I=VINH=5V, VFB=GND, No Inductor 80 82.5 85 87.5 90 92.5 95 97.5 100 -75 -50 -25 0 25 50 75 100 125 150 175 T [°C] V I=VINH=5V, VFB=GND, No Inductor |