Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST8R00 Arkusz danych(PDF) 12 Page - STMicroelectronics

Numer części ST8R00
Szczegółowy opis  Micropower 1A synchronous step-up DC-DC converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8R00 Arkusz danych(HTML) 12 Page - STMicroelectronics

Back Button ST8R00 Datasheet HTML 8Page - STMicroelectronics ST8R00 Datasheet HTML 9Page - STMicroelectronics ST8R00 Datasheet HTML 10Page - STMicroelectronics ST8R00 Datasheet HTML 11Page - STMicroelectronics ST8R00 Datasheet HTML 12Page - STMicroelectronics ST8R00 Datasheet HTML 13Page - STMicroelectronics ST8R00 Datasheet HTML 14Page - STMicroelectronics ST8R00 Datasheet HTML 15Page - STMicroelectronics ST8R00 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Typical characteristics
ST8R00
12/19
Figure 22.
Output voltage vs input voltage (for
ST8R00W)
Figure 23.
Maximum output current vs output
voltage
Figure 24.
Efficiency vs output current
Figure 25.
Efficiency vs input voltage
Figure 26.
Efficiency vs input voltage
Figure 27.
Inductor current (for ST8R00W)
VI=5V ,VINH= 2V, L=4.7µH, CI=CO=10µF, No Load, T=25°C
V
I=VINH from 0 to 6V, IO=400mA
0.00
2.00
4.00
6.00
8.00
10.00
12.00
01
23
45
6
V
I [V]
125°C
25°C
0°C
-25°C
V
I=VINH from 0 to 6V, IO=400mA
0.00
2.00
4.00
6.00
8.00
10.00
12.00
01
23
45
6
V
I [V]
125°C
25°C
0°C
-25°C
V
I=VINH=5V
Pc
os
t=
6W
OPERATIVE ZONE
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
5.5
6.5
7.5
8.5
9.5
10.5
11.5
12.5
V
O [V]
P
MAX=6W
V
I=VINH=5V
Pc
os
t=
6W
OPERATIVE ZONE
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
5.5
6.5
7.5
8.5
9.5
10.5
11.5
12.5
V
O [V]
P
MAX=6W
V
I= VINH=5V, VO=9.5V
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
I
O [A]
ST8R00
ST8R00W
V
I= VINH=5V, VO=9.5V
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
I
O [A]
ST8R00
ST8R00W
V
I=VINH= 5V, IO=100mA
40
50
60
70
80
90
100
3.5
4
4.5
5
5.5
6
6.5
V
I [V]
ST8R00
ST8R00W
V
I=VINH= 5V, IO=100mA
40
50
60
70
80
90
100
3.5
4
4.5
5
5.5
6
6.5
V
I [V]
ST8R00
ST8R00W
V
I=VINH=5V, IO=500mA
40
50
60
70
80
90
100
3.5
4
4.5
5
5.5
6
6.5
V
I [V]
ST8R00
ST8R00W
V
I=VINH=5V, IO=500mA
40
50
60
70
80
90
100
3.5
4
4.5
5
5.5
6
6.5
V
I [V]
ST8R00
ST8R00W
I
LX
V
LX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19