Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7910BAAST5 Arkusz danych(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7910BAAST5
Szczegółowy opis  300 mA, Ultra-Low Noise, Low-IQ LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7910BAAST5 Arkusz danych(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7910BAAST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DIO7910
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO7910• Rev. 3.2
Ordering Information
Ordering Part No. Top Marking
MSL
RoHS
TA
Package
DIO7910AaaST5
KAXYW
3
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000
DIO7910AaaEN4
YWKX
1
Green
-40 to 125°C
DFN1*1-4
Tape & Reel,10000
DIO7910AaaCN4
D
1
Green
-40 to 125°C
DFN0.8*0.8-4
Tape & Reel, 5000
DIO7910AaaSC5
YWKX
3
Green
-40 to 125°C
SC70-5
Tape & Reel, 3000
DIO7910AaaDN6
DVAX
3
Green
-40 to 125°C
DFN2*2-6
Tape & Reel, 3000
DIO7910BaaST5
KBXYW
3
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000
DIO7910BaaEN4
YWVX
1
Green
-40 to 125°C
DFN1*1-4
Tape & Reel,10000
DIO7910BaaCN4
D
1
Green
-40 to 125°C
DFN0.8*0.8-4
Tape & Reel, 5000
DIO7910BaaSC5
YWVX
3
Green
-40 to 125°C
SC70-5
Tape & Reel, 3000
DIO7910BaaDN6
DVBX
3
Green
-40 to 125°C
DFN2*2-6
Tape & Reel, 3000
Output Voltage Options
Option
Code
“
aa”
08
09
10
11
12
13
35
15
18
25
27
28
30
33
Voltage
0.8 V
0.9 V
1.0 V
1.1 V
1.2 V
1.3 V
1.35 V
1.5 V 1.8 V 2.5 V 2.7 V 2.8 V 3.0 V 3.3 V
Marking Definition: KAXYW/YWKX/D/DVAX/KBXYW/YWVX/DVBX
KAXYW
KA: product code; X: voltage code; Y: year code; W: week code
YWKX
Y: year code; W: week code; K: product code; X: voltage code
D
D: product code
DVAX
DVA: product code; X: voltage code
KBXYW
KB: product code; X: voltage code; Y: year code; W: week code
YWVX
Y: year code; W: week code; V: product code; X: voltage code
DVBX
DVB: product code; X: voltage code
Voltage Code
Option
Code
“X”
D
B
E
C
F
S
Y
G
H
J
X
K
M
N
Voltage
0.8 V 0.9 V 1.0 V 1.1 V 1.2 V 1.3 V
1.35 V
1.5 V 1.8 V 2.5 V 2.7 V 2.8 V 3.0 V 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com