Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7910BAAST5 Arkusz danych(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7910BAAST5
Szczegółowy opis  300 mA, Ultra-Low Noise, Low-IQ LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7910BAAST5 Arkusz danych(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7910BAAST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DIO7910
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO7910• Rev. 3.2
Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VIN
Input voltage
-0.3 to 6.5
V
VOUT
Output voltage
-0.3 to VIN
V
VEN
Chip enable input voltage
-0.3 to VIN
V
IOUT
Output current
300
mA
TL
Lead temperature range
260
°C
TJ(MAX)
Operating junction temperature
150
°C
TSTG
Storage temperature
-65 to 150
°C
ESD
HBM: JESD22-A114
±8000
V
Recommend Operating Ratings
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VCC
Operating supply voltage
1.6 to 5.5
V
TA
Ambient temperature range
-40 to 125
°C
RθJA
Junction-to-ambient thermal resistance
SOT23-5
132
°C/W
DFN1*1-4
250
DFN0.8*0.8-4
400
SC70-5
307.6
DFN2*2-6
157
RθJC
Junction-to-case thermal resistance
SOT23-5
52
°C/W
DFN2*2-6
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com