Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7910BAAST5 Arkusz danych(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7910BAAST5
Szczegółowy opis  300 mA, Ultra-Low Noise, Low-IQ LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7910BAAST5 Arkusz danych(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7910BAAST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7910BAAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DIO7910
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO7910• Rev. 3.2
Electrical Characteristics
VIN = VOUT + 1 V, IOUT = 1 mA, CIN = COUT = 1.0 μF, TA = -40°C to 125°C , typical values are at TA = 25°C,
unless otherwise specified.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input voltage
1.6
5.5
V
VOUT(1)
Output voltage
0.8
3.3
V
Output accuracy
VOUT < 2 V, TA = 25°C
-20
20
mV
VOUT ≥ 2 V, TA = 25°C
-1
1
%
ILIM
Output current limit
VOUT = 90% VOUT(NOM)
480
mA
VDO
Dropout voltage
VOUT = 0.95 x
VOUT(NOM),
IOUT = 300 mA
VOUT(NOM) = 0.8 V
950
mV
VOUT(NOM) = 1.2 V
650
VOUT(NOM) = 1.3 V
460
VOUT(NOM) = 1.8 V
280
VOUT(NOM) = 2.5 V
200
VOUT(NOM) = 2.8 V
170
VOUT(NOM) = 3.0 V
160
VOUT(NOM) = 3.3 V
150
OUT
IN
OUT
V
×
ΔV
ΔV
Line regulation
(VOUT(NOM) + 1.0 V) ≤ VIN ≤ 5.5 V
0.02
%/V
△VOUT Loadregulation IOUT=0mAto350mA,TA=25°C
40
mV
IQ
Quiescent current
No load
25
μA
ISC
Short circuit current
VOUT = 0 V
220
mA
ISHDN
Shut-down current
VEN = 0 V, VIN = 5.5 V
0.1
μA
PSRR
Power supply
rejection rate
IOUT = 20 mA
f = 100 Hz
80
dB
f = 1 kHz
75
dB
f = 10 kHz
70
dB
f = 100 kHz
60
dB
f = 1 MHz
45
dB
VIH
EN pin threshold
voltage
EN logic high voltage
1
V
VIL
EN logic low voltage
0.4
V
IEN
EN pull-down current VEN = 5.5 V
0.1
μA
en
Output voltage noise
f = 10 Hz to 100 kHz, VOUT = 1.8 V,
IOUT = 1 mA
50
μVRMS
TSD
Thermal shutdown
threshold
Shutdown,
temperature increasing
IOUT = 1 mA
175
°C
Reset, temperature
decreasing
145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com