Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7912BAAST5 Arkusz danych(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7912BAAST5
Szczegółowy opis  300 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7912BAAST5 Arkusz danych(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7912BAAST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DIO7912
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO7912• Rev. 1.0
Ordering Information
Order Part
Number
Top Marking
TA
Package
DIO7912AaaST5
MAXYW
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000
DIO7912AaaEN4
YWMX
Green
-40 to 125°C
DFN1*1-4
Tape & Reel,10000
DIO7912AaaCN4
E
Green
-40 to 125°C
DFN0.8*0.8-4
Tape & Reel, 5000
DIO7912AaaSC5
YWMX
Green
-40 to 125°C
SC70-5
Tape & Reel, 3000
DIO7912BaaST5
MBXYW
Green
-40 to 125°C
SOT23-5
Tape & Reel, 3000
DIO7912BaaEN4
YWUX
Green
-40 to 125°C
DFN1*1-4
Tape & Reel,10000
DIO7912BaaCN4
E
Green
-40 to 125°C
DFN0.8*0.8-4
Tape & Reel, 5000
DIO7912BaaSC5
YWUX
Green
-40 to 125°C
SC70-5
Tape & Reel, 3000
Output Voltage Options
Option Code “
aa”
08
10
11
12
15
18
25
28
30
33
Voltage
0.8 V
1.0 V
1.1 V
1.2 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
Marking Definition
: MAXYW/YWMX/E/MBXYW/YWUX
MAXYW
MA: Product code; Y: year code; W: week code
YWMX
Y: year code; W: week code; M: Product code
E
E: Product code
MBXYW
MB: Product code; Y: year code; W: week code
YWUX
Y: year code; W: week code; U: Product code
Voltage code
Option Code “
X”
C
D
E
F
G
H
J
K
M
N
Voltage
0.8 V
1.0 V
1.1 V
1.2 V
1.5 V
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com