Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7912BAAST5 Arkusz danych(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7912BAAST5
Szczegółowy opis  300 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7912BAAST5 Arkusz danych(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7912BAAST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DIO7912
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO7912• Rev. 1.0
Electrical Characteristics
VIN = VOUT+1 V, IOUT=1 mA, CIN=COUT=1.0 μF, Full = -40℃ to 125℃, Typical values are at TA = 25°C, unless otherwise specified.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input Voltage
1.6
5.5
V
VOUT(1)
Output Voltage
0.8
3.3
V
Output Accuracy
VOUT < 2 V,TA= +25°C
-20
VOUT
+20
mV
VOUT ≥ 2 V,TA= +25°C
-1%
VOUT
1%
V
ILIM
Output Current Limit
VOUT = 90% VOUT(NOM)
480
mA
VDROP
Dropout Voltage
VIN = 0.98 x VOUT(SET),
IOUT=300 mA
VOUT(SET)=0.8 V
950
mV
VOUT(SET)=1.2 V
650
VOUT(SET)=1.8 V
280
VOUT(SET)=2.5 V
200
VOUT(SET)=2.8 V
170
VOUT(SET)=3.0 V
160
VOUT(SET)=3.3 V
150
∆VOUT
∆VIN×VOUT LineRegulation VOUT(NOM)+1.0V≤VIN≤5.5V
0.02
%/V
△VOUT LoadRegulation IOUT=0mAto350mA,TA=+25°C
40
mV
IQ
Quiescent Current
No load
25
μA
ISC
Short Circuit Current
VOUT = 0 V
220
mA
ISHDN
Shut-down Current
VEN = 0 V, VIN = 5.5 V
0.1
μA
PSRR
Power Supply Rejection
Rate
IOUT = 20 mA
f=100 Hz
80
dB
f=1 kHz
75
dB
f=10 kHz
70
dB
f=100 kHz
60
dB
f=1 MHz
45
dB
VIH
EN Pin Threshold Voltage
EN logic high voltage
1
V
VIL
EN logic low voltage
0.4
V
IEN
EN Pull-Down Current
VEN = 5.5 V
0.1
μA
en
Output Voltage Noise
f = 10 Hz to 100 kHz,VOUT=2.8
V,IOUT=1mA
70
μVRMS
TSD
Thermal shutdown
threshold
Shutdown, temperature
increasing
IOUT=1 mA
175
℃
Reset, temperature
decreasing
145
RDISCH
Output Discharge
Resistance
VEN≤0.2 V,VIN=5 V(only A version)
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com