Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DIO7912BAAST5 Arkusz danych(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Numer części DIO7912BAAST5
Szczegółowy opis  300 mA, Ultra-Low-Noise, Low-IQ LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIOO [DIOO MICROCIRCUITS CO., LTD]
Strona internetowa  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7912BAAST5 Arkusz danych(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7912BAAST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7912BAAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DIO7912
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO7912• Rev. 1.0
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Parameter
Rating
Unit
Input Voltage VIN
-0.3 to 6.5
V
Output Voltage VOUT
-0.3 to VIN
V
Chip Enable Input VEN
-0.3 to VIN
V
Output Current IOUT
300
mA
Lead Temperature Range
260
°C
Operating Junction Temperature TJ(MAX)
150
°C
Storage Temperature TSTG
-55 to 150
°C
MSL
Level-3
ESD
HBM
8000
V
MM
300
Recommend Operating Ratings
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not recommend exceeding them
or designing to absolute maximum ratings.
Parameter
Rating
Unit
Operating Supply voltage
1.6~5.5
V
Operating Temperature Range
-40~125
°C
Thermal Resistance, RθJA
SOT23-5
235
°C/W
DFN1*1-4
250
DFN0.8*0.8-4
400
SC70-5
307.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com