| Zakładka z wyszukiwarką danych komponentów |
|
AS3418-EWLT Arkusz danych(PDF) 65 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3418-EWLT Arkusz danych(HTML) 65 Page - ams-OSRAM AG |
|
65 / 78 page ![]() Document Feedback AS3418 Register Description Datasheet • PUBLIC DS000507 • v4-00 • 2020-Jan-23 77 │ 64 Addr: 0x14 PBO_MIC_RIGHT_GAIN Bit Bit Name Default Access Bit Description 000 0011: 1.5dB gain … 011 1110: 31dB gain 011 1111: do not use 101 0111: MUTE (Mute code if NEG_ATT_EN bit set) 111 1111: MUTE (Mute code if NEG_ATT_EN bit not set) 7.2.5 AGC Control Registers Figure 88: AGC_CONTROL0 Register Description Addr: 0x15 AGC_CONTROL0 Bit Bit Name Default Access Bit Description 7 ZERO_CROS S_EN 0 R/W This register disables the zero cross detection function of the AGC. 0: Zero cross detection disabled 1: Zero cross detection enabled 6:5 ATTACK_LEV EL 0 R/W This register controls the attack level threshold voltage of the AGC. 00: 0.277* VBAT attack level 01: 0.333* VBAT attack level 10: 0.395* VBAT attack level 11: 0.463* VBAT attack level 4:3 RELEASE_LE VEL 00 R/W This register controls the release level threshold voltage of the AGC. 00: 0.200* VBAT release level 01: 0.250* VBAT release level 10: 0.304* VBAT release level 11: 0.364* VBAT release level 2 AGC_MUTE_ EN 0 R/W This bit enables the mute function for the automatic gain control. 0: AGC mute function disabled 1: AGC mute function enabled |