Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS3418-EWLT Arkusz danych(PDF) 71 Page - ams-OSRAM AG

Numer części AS3418-EWLT
Szczegółowy opis  Low Noise ANC Solution
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSOSRAM [ams-OSRAM AG]
Strona internetowa  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3418-EWLT Arkusz danych(HTML) 71 Page - ams-OSRAM AG

Back Button AS3418-EWLT Datasheet HTML 67Page - ams-OSRAM AG AS3418-EWLT Datasheet HTML 68Page - ams-OSRAM AG AS3418-EWLT Datasheet HTML 69Page - ams-OSRAM AG AS3418-EWLT Datasheet HTML 70Page - ams-OSRAM AG AS3418-EWLT Datasheet HTML 71Page - ams-OSRAM AG AS3418-EWLT Datasheet HTML 72Page - ams-OSRAM AG AS3418-EWLT Datasheet HTML 73Page - ams-OSRAM AG AS3418-EWLT Datasheet HTML 74Page - ams-OSRAM AG AS3418-EWLT Datasheet HTML 75Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
Document Feedback
AS3418
Application Information
Datasheet
• PUBLIC
DS000507
• v4-00 • 2020-Jan-23
77
│ 70
8
Application Information
The following chapters provide application specific information like schematic examples and a
summary of external components.
8.1
Schematic
Figure 94 shows an example of a Feed Forward ANC headset in Push Button operation mode.
Figure 94:
Push Button Operation Mode
– Application Example
Figure 95 shows an application example of a Feed Forward ANC headset in Slider operation mode.
4.7µF
C5
2.2µF
C6
GND
VBAT
3
1
2
L
R
GND
U2
Music Line Input
AGND
MIC1
Left ANC MIC
2k2
R1
4.7µF
C9
4.7µF
C12
GND
MICS
AGND
1uF
C3
10uF
C4
AGND
MIC2
Right ANC MIC
2k2
R6
MICS
1uF
C13
AGND
10uF
C11
AGND
2k2
R7
AGND
2k2
R2
AGND
150
R3
150
R4
AGND
AGND
4.7µF
C7
4.7µF
C8
VBAT
A6
CPP
C4
BPR
B1
HPR
B2
CPN
B4
LINR
B5
LINL
B6
HPL
D2
MICS
E4
BPL
D1
MSUP
E5
TRSDA
D4
TRSCL
D6
AGND
D5
MICL
E3
MICR
A3
AS3418
WL-CSP
U1
VN EG
10µF
C1
GND
2.2µF
C2
GND
VN EG
MICS
AGND
AGND
Speaker Left
Speaker Right
Left
ANC
Filter
Right
ANC
Filter
On / Off / Monitor
VBAT
Push Button
S1
VBAT
R5
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78