| Zakładka z wyszukiwarką danych komponentów |
|
AS3418-EWLT Arkusz danych(PDF) 72 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3418-EWLT Arkusz danych(HTML) 72 Page - ams-OSRAM AG |
|
72 / 78 page ![]() Document Feedback AS3418 Application Information Datasheet • PUBLIC DS000507 • v4-00 • 2020-Jan-23 77 │ 71 Figure 95: Slider Operation Mode – Application Example Figure 96 shows an application example of a Feed Forward ANC headset in Full Slider operation mode. S2 VBAT GND S3 GND ON OFF R8 22k R9 4.7µF C5 2.2µF C6 GND VBAT 3 1 2 L R GND U2 Music Line Input AGND MIC1 Left ANC MIC 2k2 R1 4.7µF C9 4.7µF C12 GND MICS AGND 1uF C3 10uF C4 AGND MIC2 Right ANC MIC 2k2 R6 MICS 1uF C13 AGND 10uF C11 AGND 2k2 R7 AGND 2k2 R2 AGND 150 R3 150 R4 AGND AGND 4.7µF C7 4.7µF C8 VBAT A6 CPP C4 BPR B1 HPR B2 CPN B4 LINR B5 LINL B6 HPL D2 MICS E4 BPL D1 MSUP E5 TRSDA D4 TRSCL D6 AGND D5 MICL E3 MICR A3 AS3418 WL-CSP U1 VN EG 10µF C1 GND 2.2µF C2 GND VN EG MICS AGND AGND Speaker Left Speaker Right Left ANC Filter Right ANC Filter VBAT R5 10k |