| Zakładka z wyszukiwarką danych komponentów |
|
R5F5671CDDFB Arkusz danych(PDF) 95 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB Arkusz danych(HTML) 95 Page - Renesas Technology Corp |
|
95 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 95 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics Figure 2.8 HOCO Clock Oscillation Start Timing (Oscillation is Started by Setting the HOCOCR.HCSTP Bit) Figure 2.9 High-Speed On-Chip Oscillator Power Supply Control Timing Table 2.19 HOCO Clock Timing Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, Ta = Topr Item Symbol Min. Typ. Max. Unit Test Conditions HOCO clock oscillation frequency FLL not in use fHOCO 15.616 (–2.40%) 16 16.384 (+2.40%) MHz –20°C ≤ Ta 17.568 (–2.40%) 18 18.432 (+2.40%) 19.520 (–2.40%) 20 20.480 (+2.40%) 15.520 (–3.00%) 16 16.480 (+3.00%) Ta < –20°C 17.460 (–3.00%) 18 18.540 (+3.00%) 19.400 (–3.00%) 20 20.600 (+3.00%) FLL in use fHOCO 15.960 (–0.25%) 16 16.040 (+0.25%) MHz Sub-clock frequency precision: ±50 ppm 17.955 (–0.25%) 18 18.045 (+0.25%) 19.950 (–0.25%) 20 20.050 (+0.25%) HOCO clock oscillation stabilization waiting time tHOCOWT — 105 149 µs Figure 2.8 HOCO clock power supply stabilization time tHOCOP — — 150 µs Figure 2.9 FLL stabilization waiting time tFLLWT —— 1.8 ms HOCO clock HOCOCR.HCSTP OSCOVFSR.HCOVF tHOCOWT High-speed on-chip oscillator output Internal power supply for high-speed on-chip oscillator HOCOPCR.HOCOPCNT tHOCOP HOCOCR.HCSTP |