| Zakładka z wyszukiwarką danych komponentów |
|
R5F5671CDDFB Arkusz danych(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB Arkusz danych(HTML) 24 Page - Renesas Technology Corp |
|
24 / 179 page ![]() RX671 Group 1. Overview R01DS0373EJ0120 Rev.1.20 Page 24 of 179 Sep 30, 2024 Serial peripheral interface RSPCKA-A/RSPCKA-B/ RSPCKB-A/RSPCKB-B/ RSPCKC-A/RSPCKC-B I/O Clock input/output pins MOSIA-A/MOSIA-B/ MOSIB-A/MOSIB-B/ MOSIC-A/MOSIC-B I/O Input or output data output from the master MISOA-A/MISOA-B/ MISOB-A/MISOB-B/ MISOC-A/MISOC-B I/O Input or output data output from the slave SSLA0-A/SSLA0-B/ SSLB0-A/SSLB0-B/ SSLC0-A I/O Input or output pins for slave selection SSLA1-A/SSLA1-B/ SSLB1-A/SSLB1-B/ SSLC1-A, SSLA2-A/SSLA2-B/ SSLB2-A/SSLB2-B/ SSLC2-A, SSLA3-A/SSLA3-B/ SSLB3-A/SSLB3-B/ SSLC3-A Output Output pins for slave selection Serial peripheral interface (RSPIA) RSPCK0-A/RSPCK0-B I/O Clock input/output pins MOSI0-A/MOSI0-B I/O Input or output data output from the master MISO0-A/MISO0-B I/O Input or output data output from the slave SSL00-A/SSL00-B I/O Input or output pins for slave selection SSL01-A/SSL01-B, SSL02-A/SSL02-B, SSL03-A/SSL03-B Output Output pins for slave selection Quad-SPI memory interface QSPCLK-A/QSPCLK-B Output Clock output pins QSSL-A/QSSL-B Output Output pins for slave selection QIO0-A/QIO0-B, QIO1-A/QIO1-B, QIO2-A/QIO2-B, QIO3-A/QIO3-B I/O Data input/output pins Serial sound interface SSIBCK0 I/O SSIE serial bit-clock pin SSILRCK0 I/O LR clock SSITXD0 Output Serial data output pin SSIRXD0 Input Serial data input pin AUDIO_CLK Input External clock pin for audio (input for an oversampling clock) SD host interface SDHI_CLK-A/SDHI_CLK-B/ SDHI_CLK-C Output SD clock output pins SDHI_CMD-A/SDHI_CMD-B/ SDHI_CMD-C I/O SD command output, response input signal pins SDHI_D3-A/SDHI_D3-B/ SDHI_D3-C to SDHI_D0-A/ SDHI_D0-B/SDHI_D0-C I/O SD data bus pins SDHI_CD Input SD card detection pin SDHI_WP Input SD write-protect signal Realtime clock RTCOUT Output Output pin for 1-Hz/64-Hz clock RTCIC0 to RTCIC2 Input Time capture event input pins Battery backup TAMPI0 to TAMPI2 Input Input pins for detecting tampering Remote control signal receiver (REMC) PMC0-DS Input Input pin for external pulse signal Table 1.4 Pin Functions (6/8) Classifications Pin Name I/O Description |