| Zakładka z wyszukiwarką danych komponentów |
|
R5F5671CDDFB Arkusz danych(PDF) 96 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB Arkusz danych(HTML) 96 Page - Renesas Technology Corp |
|
96 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 96 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics Figure 2.10 PLL Clock Oscillation Start Timing Note 1. When using a sub-clock, ask the manufacturer of the oscillator to evaluate its oscillation. Refer to the results of evaluation provided by the manufacturer for the oscillation stabilization time. Note 2. The number of cycles selected by the value of the SOSCWTCR.SSTS[7:0] bits determines the sub-clock oscillation stabilization waiting time in accord with the formula below. tSUBOSCWT = [(SSTS[7:0] bits × 16384) + 10] / fLOCO Figure 2.11 Sub-Clock Oscillation Start Timing Table 2.20 PLL Clock Timing Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, Ta = Topr Item Symbol Min. Typ. Max. Unit Test Conditions PLL clock oscillation frequency fPLL 120 — 240 MHz PLL clock oscillation stabilization waiting time tPLLWT — 259 320 µs Figure 2.10 Table 2.21 Sub-Clock Timing Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, When a low CL crystal resonator is in use: VBATT = 2.0 to 3.6 V, When a standard CL crystal resonator is in use: VBATT = 1.62 to 3.6 V, Ta = Topr Item Symbol Min. Typ. Max. Unit Test Conditions Sub-clock oscillation frequency fSUB — 32.768 — kHz Sub-clock oscillation stabilization time tSUBOSC —— *1 s Figure 2.11 Sub-clock oscillation stabilization waiting time tSUBOSCWT —— *2 s PLLCR2.PLLEN OSCOVFSR.PLOVF PLL clock tPLLWT PLL circuit output Sub-clock oscillator output SOSCCR.SOSTP tSUBOSC Sub-clock OSCOVFSR.SOOVF tSUBOSCWT |