| Zakładka z wyszukiwarką danych komponentów |
|
PSD813F2 Arkusz danych(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD813F2 Arkusz danych(HTML) 84 Page - STMicroelectronics |
|
84 / 110 page ![]() PSD835G2 PSD8XX Family 83 -70 -90 Turbo Symbol Parameter Conditions Min Max Min Max Off Unit tAVQV (PF) Address Valid to Data Valid (Note 3) 30 35 Add 12 ns tSLQV (PF) CSI Valid to Data Valid 25 35 Add 12 ns RD to Data Valid (Notes 1 and 4) 21 32 ns tRLQV (PF) RD to Data Valid 8031 Mode 31 38 ns tDVQV (PF) Data In to Data Out Valid 22 30 ns tQXRH (PF) RD Data Hold Time 0 0 ns tRLRH (PF) RD Pulse Width (Note 1) 27 32 ns tRHQZ (PF) RD to Data High-Z (Note 1) 23 25 ns Port F Peripheral Data Mode Read Timing (5 V ± 10%) -70 -90 Symbol Parameter Conditions Min Max Min Max Unit tWLQV (PF) WR to Data Propagation Delay (Note 2) 25 35 ns tDVQV (PF) Data to Port F Data Propagation Delay (Note 5) 22 30 ns tWHQZ (PF) WR Invalid to Port F Tri-state (Note 2) 20 25 ns Port F Peripheral Data Mode Write Timing (5 V ± 10%) NOTES: 1. RD timing has the same timing as DS and PSEN signals. 2. WR timing has the same timing as E and DS signals. 3. Any input used to select Port F Data Peripheral Mode. 4. Data is already stable on Port F. 5. Data stable on ADIO pins to data on Port F. Microcontroller Interface – PSD835G2 AC/DC Parameters (5V ± 10% Versions) |