| Zakładka z wyszukiwarką danych komponentów |
|
PSD813F2 Arkusz danych(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD813F2 Arkusz danych(HTML) 87 Page - STMicroelectronics |
|
87 / 110 page ![]() PSD8XX Family PSD835G2 86 Symbol Parameter Conditions Min Typ Max Unit VCC Supply Voltage All Speeds 3.0 3.6 V VIH High Level Input Voltage 3.0 V < VCC < 3.6 V .7 VCC VCC +.5 V VIL Low Level Input Voltage 3.0 V < VCC < 3.6 V –.5 0.8 V VIH1 Reset High Level Input Voltage (Note 1) .8 VCC VCC +.5 V VIL1 Reset Low Level Input Voltage (Note 1) –.5 .2 VCC –.1 V VHYS Reset Pin Hysteresis 0.3 V VLKO VCC Min for Flash Erase and Program 1.5 2.3 V VOL Output Low Voltage IOL = 20 µA, VCC = 3.0 V 0.01 0.1 V IOL = 4 mA, VCC = 3.0 V 0.15 0.45 V VOH Output High Voltage Except VSTBY On IOH = –20 µA, VCC = 3.0 V 2.9 2.99 V IOH = –1 mA, VCC = 3.0 V 2.7 2.8 V VOH 1 Output High Voltage VSTBY On IOH 1 = 1 µA VSBY – 0.8 V VSBY SRAM Standby Voltage 2.0 VCC V ISBY SRAM Standby Current (VSTBY Pin) VCC = 0 V 0.5 1 µA IIDLE Idle Current (VSTBY Pin) VCC > VSBY –0.1 0.1 µA VDF SRAM Data Retention Voltage Only on VSTBY 2V ISB Standby Supply Current CSI >VCC –0.3 V 50 100 µA for Power Down Mode (Notes 2 and 3) ILI Input Leakage Current VSS < VIN < VCC –1 ±.1 1 µA ILO Output Leakage Current 0.45 < VIN < VCC –10 ± 5 10 µA IO Output Current Refer to IOL and IOH in the VOL and VOH row ZPLD_TURBO = OFF, f = 0 MHz (Note 3) 0mA PLD Only ZPLD_TURBO = ON, ICC (DC) Operating f = 0 MHz 200 400 µA/PT (Note 5) Supply Current During FLASH FLASH Write/Erase Only 10 25 mA Read Only, f = 0 MHz 0 0 mA SRAM f = 0 MHz 0 0 mA PLD AC Base (Note 4) Figure 32a ICC (AC) FLASH (Note 5) AC Adder 1.5 2.0 mA/MHz SRAM AC Adder 0.8 1.5 mA/MHz PSD835G2 DC Characteristics (3.0 V to 3.6 V Versions) Advance Information NOTES: 1. Reset input has hysteresis. VIL1 is valid at or below .2VCC –.1. VIH1 is valid at or above .8VCC. 2. CSI deselected or internal PD mode is active. 3. PLD is in non-turbo mode and none of the inputs are switching. 4. Refer to Figure 31a for PLD current calculation. 5. IO = 0 mA. |