| Zakładka z wyszukiwarką danych komponentów |
|
NRF52810-QFAA-R Arkusz danych(PDF) 37 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Arkusz danych(HTML) 37 Page - Nordic Semiconductor |
|
37 / 483 page ![]() Core components 4.5.1.15 NRFFW[14] Address offset: 0x04C Reserved for Nordic firmware design Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW NRFFW Reserved for Nordic firmware design 4.5.1.16 NRFHW[0] Address offset: 0x050 Reserved for Nordic hardware design Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW NRFHW Reserved for Nordic hardware design 4.5.1.17 NRFHW[1] Address offset: 0x054 Reserved for Nordic hardware design Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW NRFHW Reserved for Nordic hardware design 4.5.1.18 NRFHW[2] Address offset: 0x058 Reserved for Nordic hardware design Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0xFFFFFFFF 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Id RW Field Value Id Value Description A RW NRFHW Reserved for Nordic hardware design 4.5.1.19 NRFHW[3] Address offset: 0x05C Reserved for Nordic hardware design 4430_161 v1.0 37 |