| Zakładka z wyszukiwarką danych komponentów |
|
T80C5112-RKSIV Arkusz danych(PDF) 80 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T80C5112-RKSIV Arkusz danych(HTML) 80 Page - ATMEL Corporation |
|
80 / 97 page ![]() 80 Rev. B - November 10, 2000 Preliminary T80C5112 18.4. DC Parameters for Low Voltage TA =0 °Cto+70°C; V SS =0V;VCC =2.7Vto5.5 V;F=0to30 MHz. TA = -40 °Cto+85°C; V SS =0V;VCC =2.7Vto5.5 V;F=0to30 MHz. Table 53. DC Parameters for Low Voltage NOTES 1. ICC under reset is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 39.), VIL = VSS + 0.5 V, VIH = VCC - 0.5V; XTAL2 N.C.; Vpp = RST = VCC. ICC would be slightly higher if a crystal oscillator used. 2. Idle ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH,TCHCL = 5 ns, VIL =VSS + 0.5 V, VIH =VCC - 0.5 V; XTAL2 N.C; Vpp = RST = VSS (see Figure 37.). Symbol Parameter Min Typ Max Unit Test Conditions VIL Input Low Voltage -0.5 0.2 VCC - 0.1 V VIH Input High Voltage except XTAL1, RST 0.2 VCC + 0.9 VCC + 0.5 V VIH1 Input High Voltage, XTAL1, RST 0.7 VCC VCC + 0.5 V VOL Output Low Voltage, ports 1, 2, 3, 4. 0.3 0.45 1.0 V V V IOL = IOL = 0.8 mA IOL = VOL1 Output Low Voltage, port 0, ALE, PSEN(6) 0.3 0.45 1.0 V V V IOL = 100 m A IOL = 1.6 mA IOL = 3.2 mA VOH Output High Voltage, ports 1, 2, 3, 4.(6) 0.9 VCC VCC - 0.7 VCC - 1.5 V V V IOH = -10 m A IOH = IOH = VOH2 Output High Voltage, ports 1, 3, 4.(6) mode Push pull 0.9VCC VCC - 0.7 VCC - 1.5 V V V IOH = -100 m A IOH = - mA IOH = VOH1 Output High Voltage, ports 0, ALE, PSEN(6) VCC - 0.3 VCC - 0.7 VCC - 1.5 V V V IOH = -100 m A IOH = -1.6 mA IOH = -3.2 mA VCC = 3V ± 10% IIL Logical 0 Input Current ports 1, 2,3 and 4 -50 m A Vin = 0.45 V ILI Input Leakage Current ±10 m A 0.45 V < Vin < VCC ITL Logical 1 to 0 Transition Current, ports 1, 2, 3, 4 -650 m A Vin = 2.0 V RRST RST Pulldown Resistor 50 90 (5) 200 k W CIO Capacitance of I/O Buffer 10 pF Fc = 1 MHz TA = 25 °C IPD Power Down Current to be conÞrmed 20 (5) 10 (5) 50 30 m A VCC = 2.0 V to 5.5 V (3) VCC = 2.0 V to 3.3 V (3) ICC under RESET Power Supply Current Maximum values, X1 mode: (7) to be con- Þrmed 1.5 + 0.2 Freq (MHz) @12MHz 3.4 @16MHz 4.2 mA VCC = 3.3 V (1) ICC operating Power Supply Current Maximum values, X1 mode: (7) to be con- Þrmed 1.5 + 0.3 Freq (MHz) @12MHz 4.6 @16MHz 5.8 mA VCC = 3.3 V (8) ICC idle Power Supply Current Maximum values, X1 mode: (7) to be con- Þrmed 1.5+0.15 Freq (MHz) @12MHz 2 @16MHz 2.6 mA VCC = 3.3 V (2) VRET Supply voltage during power down mode 2 V VRST+ High threshold of Power Fail Detect 2.54 V VRST Low threshold of Power Fail Detect 2.19 V |