| Zakładka z wyszukiwarką danych komponentów |
|
T80C5112-RKSIV Arkusz danych(PDF) 32 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T80C5112-RKSIV Arkusz danych(HTML) 32 Page - ATMEL Corporation |
|
32 / 97 page ![]() 32 Rev. B - November 10, 2000 Preliminary T80C5112 Figure 12. UART Timings in Modes 2 and 3 11.2. Automatic Address Recognition The automatic address recognition feature is enabled for each UART when the multiprocessor communication feature is enabled (SM2 bit in SCON register is set). Implemented in hardware, automatic address recognition enhances the multiprocessor communication feature by allowing the serial port to examine the address of each incoming command frame. Only when the serial port recognizes its own address, the receiver sets RI bit in SCON register to generate an interrupt. This ensures that the CPU is not interrupted by command frames addressed to other devices. If desired, you may enable the automatic address recognition feature in mode 1. In this configuration, the stop bit takes the place of the ninth data bit. Bit RI is set only when the received command frame address matches the deviceÕs address and is terminated by a valid stop bit. To support automatic address recognition, a device is identified by a given address and a broadcast address. NOTE: The multiprocessor communication and automatic address recognition features cannot be enabled in mode 0 (i.e. setting SM2 bit in SCON register in mode 0 has no effect). 11.2.1. Given Address Each UART has an individual address that is specified in SADDR register; the SADEN register is a mask byte that contains donÕt-care bits (defined by zeros) to form the deviceÕs given address. The donÕt-care bits provide the flexibility to address one or more slaves at a time. The following example illustrates how a given address is formed. To address a device by its individual address, the SADEN mask byte must be 1111 1111b . For example: SADDR 0101 0110b SADEN 1111 1100b Given 0101 01XXb The following is an example of how to use given addresses to address different slaves: Slave A: SADDR 1111 0001b SADEN 1111 1010b Given 1111 0X0Xb Slave B: SADDR 1111 0011b SADEN 1111 1001b Given 1111 0XX1b Slave C: SADDR 1111 0010b SADEN 1111 1101b Given 1111 00X1b RI SMOD0=0 Data byte Ninth bit Stop bit Start bit RXD D8 D7 D6 D5 D4 D3 D2 D1 D0 RI SMOD0=1 FE SMOD0=1 |