| Zakładka z wyszukiwarką danych komponentów |
|
T80C5112-RKSIV Arkusz danych(PDF) 51 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T80C5112-RKSIV Arkusz danych(HTML) 51 Page - ATMEL Corporation |
|
51 / 97 page ![]() Rev. B - November 10, 2000 51 Preliminary T80C5112 The CMOD SFR includes three additional bits associated with the PCA (See Figure 22 and Table 26). · The CIDL bit which allows the PCA to stop during idle mode. · The WDTE bit which enables or disables the watchdog function on module 4. · The ECF bit which when set causes an interrupt and the PCA overflow flag CF (in the CCON SFR) to be set when the PCA timer overflows. The CCON SFR contains the run control bit for the PCA and the flags for the PCA timer (CF) and each module (Refer to Table 27). · Bit CR (CCON.6) must be set by software to run the PCA. The PCA is shut off by clearing this bit. · Bit CF: The CF bit (CCON.7) is set when the PCA counter overflows and an interrupt will be generated if the ECF bit in the CMOD register is set. The CF bit can only be cleared by software. · Bits 0 through 4 are the flags for the modules (bit 0 for module 0, bit 1 for module 1, etc.) and are set by hardware when either a match or a capture occurs. These flags also can only be cleared by software. Table 27. CCON: PCA Counter Control Register The watchdog timer function is implemented in module 4 (See Figure 25). The PCA interrupt system is shown in Figure 23 CCON Address 0D8H CF CR - CCF4 CCF3 CCF2 CCF1 CCF0 Reset value 0 0 X 0 0 0 0 0 Symbol Function CF PCA Counter Overflow flag. Set by hardware when the counter rolls over. CF flags an interrupt if bit ECF in CMOD is set. CF may be set by either hardware or software but can only be cleared by software. CR PCA Counter Run control bit. Set by software to turn the PCA counter on. Must be cleared by software to turn the PCA counter off. - Not implemented, reserved for future use.a a. User software should not write 1s to reserved bits. These bits may be used in future 8051 family products to invoke new features. In that case, the reset or inactive value of the new bit will be 0, and its active value will be 1. The value read from a reserved bit is indeterminate. CCF4 PCA Module 4 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by software. CCF3 PCA Module 3 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by software. CCF2 PCA Module 2 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by software. CCF1 PCA Module 1 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by software. CCF0 PCA Module 0 interrupt flag. Set by hardware when a match or capture occurs. Must be cleared by software. |