Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM1404CSOCQ6F Arkusz danych(PDF) 26 Page - STMicroelectronics

Numer części STM1404CSOCQ6F
Szczegółowy opis  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSOCQ6F Arkusz danych(HTML) 26 Page - STMicroelectronics

Back Button STM1404CSOCQ6F Datasheet HTML 22Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 23Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 24Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 25Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 26Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 27Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 28Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 29Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
DC and AC parameters
STM1404
26/36
VTPU2
Internal switched
supply voltage (battery
backup)
ISOURCE = 1 mA
(VBAT = 2.2 V)
VBAT – 0.10
V
ILI
Input leakage current
(MR)
MR = 0 V; VCC = 3V
20
75
350
µA
Input leakage current
(PFI)
0 V = VIN = VCC
–25
2
+25
nA
Input leakage current
(TP1-TP4)
0 V = VIN = VCC
–1
+1
µA
ILO
Output leakage current
0 V = VIN = VCC
(5)
–1
+1
µA
VIH
Input high voltage (MR)
VRST (max) < VCC < 3.6 V
0.7VCC
V
VIL
Input low voltage (MR)0.3VCC
V
VOL
Output low voltage
(PFO, RST, Vccsw,
SAL, BLD)
VCC = VRST (max),
ISINK = 3.2 mA
0.3
V
VOL
Output low voltage
(RST)
IOL = 40 µA; VCC = 1.0 V;
VBAT = VCC;
TA = 0°C to 85°C
0.3
V
IOL = 200 µA;
VCC = 1.2 V; VBAT = VCC
0.3
V
Table 6.
DC and AC characteristics (continued)
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com