Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM1404CSOCQ6F Arkusz danych(PDF) 28 Page - STMicroelectronics

Numer części STM1404CSOCQ6F
Szczegółowy opis  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSOCQ6F Arkusz danych(HTML) 28 Page - STMicroelectronics

Back Button STM1404CSOCQ6F Datasheet HTML 24Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 25Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 26Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 27Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 28Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 29Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 30Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 31Page - STMicroelectronics STM1404CSOCQ6F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
DC and AC parameters
STM1404
28/36
Reset thresholds
VRST
(9)
Reset threshold
T
VCC falling
3.00
3.075
3.15
V
VCC rising
3.00
3.085
3.17
V
S
VCC falling
2.85
2.925
3.00
V
VCC rising
2.85
2.935
3.02
V
R
VCC falling
2.55
2.625
2.70
V
VCC rising
2.55
2.635
2.72
V
trec
RST pulse width
140
200
280
ms
Push-button reset input
tMLMH
tMR
MR pulse width
100
ns
tMLRL
tMRD
MR to RST output
delay
60
500
ns
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = VRST (max) to 3.6 V; and VBAT = 2.8 V (except where
noted); typical values are for 3.3 V and 25°C.
2.
VCC supply current, logic input leakage, push-button reset functionality, PFI functionality, state of RST tested at
VBAT = 3.6 V, and VCC = 3.6 V. The state of RST and PFO is tested at VCC = VCC (min). VBAT is voltage measured at the
pin.
3.
Tested at VBAT = 3.6 V, and VCC = 0 V.
4.
Guaranteed by design.
5.
The leakage current measured on the RST, SAL, PFO, and BLD pins are tested with the output not asserted (output high
impedance).
6.
When VBAT > VCC > VSW, VOUT remains connected to VCC until VCC drops below VSW.
7.
When VSW > VCC > VBAT, VOUT remains connected to VCC until VCC drops below the battery voltage (VBAT) – 75 mV.
8.
Maximum external capacitive load on VREF pin cannot exceed 1 nF.
9.
The reset threshold tolerance is wider for VCC rising than for VCC falling due to the 10 mV (typ) hysteresis, which prevents
internal oscillation.
Table 6.
DC and AC characteristics (continued)
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com